Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P4BGS Datasheet(PDF) 9 Page - NEC

Part # UPD6P4BGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6P4BGS Datasheet(HTML) 9 Page - NEC

Back Button UPD6P4BGS Datasheet HTML 5Page - NEC UPD6P4BGS Datasheet HTML 6Page - NEC UPD6P4BGS Datasheet HTML 7Page - NEC UPD6P4BGS Datasheet HTML 8Page - NEC UPD6P4BGS Datasheet HTML 9Page - NEC UPD6P4BGS Datasheet HTML 10Page - NEC UPD6P4BGS Datasheet HTML 11Page - NEC UPD6P4BGS Datasheet HTML 12Page - NEC UPD6P4BGS Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
µPD6P4B
Data Sheet U13594EJ2V0DS00
1.4 Dealing with Unused Pins
The following connections are recommended for unused pins in the normal operation mode.
Table 1-1. Connections for Unused Pins
Pin
Connection
Inside the microcontroller
Outside the microcontroller
KI/O
INPUT mode
—
Open
OUTPUT mode
High-level output
REM
—
S1/LED
OUTPUT mode (LED) setting
S0
OFF mode setting
Directly connected to GND
KI
—
RESETNote
Built-in POC circuit
Open
Note If the circuit is an applied one requiring high reliability, be sure to design it in such a manner that the RESET
signal is entered externally.
Caution The I/O mode and the terminal output level are recommended to be fixed by setting them
repeatedly in each loop of the program.
1.5 Notes on Using KI Pin at Reset
In order to prevent malfunction, be sure to input a low level to more than one of pins KI0 to KI3 when reset is
released (when RESET pin changes from low level to high level, or POC is released due to supply voltage startup).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com