Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P4BGS Datasheet(PDF) 15 Page - NEC

Part # UPD6P4BGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6P4BGS Datasheet(HTML) 15 Page - NEC

Back Button UPD6P4BGS Datasheet HTML 11Page - NEC UPD6P4BGS Datasheet HTML 12Page - NEC UPD6P4BGS Datasheet HTML 13Page - NEC UPD6P4BGS Datasheet HTML 14Page - NEC UPD6P4BGS Datasheet HTML 15Page - NEC UPD6P4BGS Datasheet HTML 16Page - NEC UPD6P4BGS Datasheet HTML 17Page - NEC UPD6P4BGS Datasheet HTML 18Page - NEC UPD6P4BGS Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet U13594EJ2V0DS00
15
µPD6P4B
4. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = +25
°C)
Parameter
Symbol
Test Conditions
Rating
Unit
Power supply voltage
VDD
–0.3 to +7.0
V
VPP
–0.3 to +13.5
V
Input voltage
VI
KI/O, KI, S0, S1, RESET
–0.3 to VDD + 0.3
V
Output voltage
VO
–0.3 to VDD + 0.3
V
High-level output current
IOHNote
REM
Peak value
–30
mA
rms
–20
mA
LED
Peak value
–7.5
mA
rms
–5
mA
One KI/O pin
Peak value
–13.5
mA
rms
–9
mA
Total of LED and KI/O pins
Peak value
–18
mA
rms
–12
mA
Low-level output current
IOLNote
REM
Peak value
7.5
mA
rms
5
mA
LED
Peak value
7.5
mA
rms
5
mA
Operating ambient
TA
–40 to +85
°C
temperature
Storage temperature
Tstg
–65 to +150
°C
Note Work out the rms with: [rms] = [Peak value]
× Duty.
Caution Product quality may suffer if the absolute rating is exceeded for any parameter, even momen-
tarily. In other words, an absolute maxumum rating is a value at which the possibility of psysical
damage to the product cannnot be ruled out. Care must therefore be taken to ensure that the
these ratings are not exceeded during use of the product.
Recommended Power Supply Voltage Range (TA = –40 to +85
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power supply voltage
VDD
fX = 2.4 to 4 MHz
2.2
3.0
3.6
V
fX = 4 to 8 MHzNote
2.7
3.0
3.6
V
Note It is necessary to design the application circuit so that the RESET pin goes low when the supply voltage
is less than 2.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com