Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P4BGS Datasheet(PDF) 26 Page - NEC

Part # UPD6P4BGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6P4BGS Datasheet(HTML) 26 Page - NEC

Back Button UPD6P4BGS Datasheet HTML 22Page - NEC UPD6P4BGS Datasheet HTML 23Page - NEC UPD6P4BGS Datasheet HTML 24Page - NEC UPD6P4BGS Datasheet HTML 25Page - NEC UPD6P4BGS Datasheet HTML 26Page - NEC UPD6P4BGS Datasheet HTML 27Page - NEC UPD6P4BGS Datasheet HTML 28Page - NEC UPD6P4BGS Datasheet HTML 29Page - NEC UPD6P4BGS Datasheet HTML 30Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26
µPD6P4B
Data Sheet U13594EJ2V0DS00
8. RECOMMENDED SOLDERING CONDITIONS
Carry out the soldered packaging of this product under the following recommended conditions.
For details of the soldering conditions, refer to information material Semiconductor Device Mounting
Technology Manual (C10535E).
For soldering methods and conditions other than the recommended conditions, please consult one of our NEC
sales representatives.
Table 8-1. Soldering Conditions for Surface-Mount Type
(1)
µPD6P4BGS-×××: 20-pin plastic SOP (300 mil)
Soldering Method
Soldering Condition
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235
°C, Time: 30 secs. max. (210 °C min.),
IR35-00-2
Number of times: Twice max.
VPS
Package peak temperature: 215
°C, Time: 40 secs. max. (200 °C min.),
VP15-00-2
Number of times: Twice max.
Wave soldering
Solder bath temperature: 260
°C max., Time: 10 secs. max., Number of times: once, WS60-00-1
Preheating temperature: 120
°C max. (package surface temperature.)
Partial heating
Pin temperature: 300
°C or less ; time: 3 secs or less (for each side of the device)
—
Caution Do not use two or more soldering methods in combination (except partial heating).
(2)
µPD6P4BMC-5A4: 20-pin plastic SSOP (300 mil)
Soldering Method
Soldering Condition
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235
°C, Time: 30 secs. max. (210 °C min.),
IR35-00-3
Number of times: Three times max.
VPS
Package peak temperature: 215
°C, Time: 40 secs. max. (200 °C min.),
VP15-00-3
Number of times: Three times max.
Wave soldering
Solder bath temperature: 260
°C max., Time: 10 secs. max., Number of times: once, WS60-00-1
Preheating temperature: 120
°C max. (package surface temperature.)
Partial heating
Pin temperature: 300
°C or less ; time: 3 secs or less (for each side of the device)
—
Caution Do not use two or more soldering methods in combination (except partial heating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com