Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P4BGS Datasheet(PDF) 10 Page - NEC

Part # UPD6P4BGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6P4BGS Datasheet(HTML) 10 Page - NEC

Back Button UPD6P4BGS Datasheet HTML 6Page - NEC UPD6P4BGS Datasheet HTML 7Page - NEC UPD6P4BGS Datasheet HTML 8Page - NEC UPD6P4BGS Datasheet HTML 9Page - NEC UPD6P4BGS Datasheet HTML 10Page - NEC UPD6P4BGS Datasheet HTML 11Page - NEC UPD6P4BGS Datasheet HTML 12Page - NEC UPD6P4BGS Datasheet HTML 13Page - NEC UPD6P4BGS Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
µPD6P4B
Data Sheet U13594EJ2V0DS00
2. DIFFERENCES AMONG
µPD62, 63, 63A, 64, AND µPD6P4B
Table 2-1 shows the differences among the
µPD62, 63, 63A, 64, and µPD6P4B.
The only differences among these models are the program memory, supply voltage, system clock frequency,
oscillation stabilization wait time, and POC circuit (mask option), and the CPU function and internal peripheral
hardware are the same.
The electrical characteristics also differ slightly. For the electrical characteristics, refer to the Data Sheet of each
model.
Table 2-1. Differences among
µPD62, 63, 63A, 64, and µPD6P4B
(1) When POC circuit (mask option) is provided to
µPD62, 63, 63A, and 64
Item
µPD6P4B
µPD62, 63
µPD63A
µPD64
ROM
One-time PROM
Mask ROM
1002
× 10 bits
512
× 10 bits
768
× 10 bits
1002
× 10 bits
(000H to 3E9H)
(000H to 1FFH)
(000H to 2FFH)
(000H to 3E9H)
Oscillation stabilization wait time
• On releasing STOP mode by release
286/fX
52/fX
condition
• On releasing STOP or HALT mode by
478/fX to 926/fX
246/fX to 694/fX
RESET input and at reset
VPP pin and operating mode select pin
Provided
Not provided
Electrical specifications
Some electrical specifications, such as data retention voltage and current
consumption, differ. For details, refer to Data Sheet of each model.
(2) When POC circuit (mask option) is not provided to
µPD62, 63, 63A, and 64
Item
µPD6P4B
µPD62, 63
µPD63A
µPD64
ROM
One-time PROM
Mask ROM
1002
× 10 bits
512
× 10 bits
768
× 10 bits
1002
× 10 bits
(000H to 3E9)
(000H to 1FFH)
(000H to 2FFH)
(000H to 3E9H)
Oscillation stabilization wait time
• On releasing STOP mode by release
286/fX
52/fX
condition
• On releasing STOP or HALT mode by
478/fX to 926/fX
246/fX to 694/fX
RESET input and at reset
VPP pin and operating mode select pin
Provided
Not provided
POC circuit
Incorporated
Not provided
Supply voltage
VDD = 2.2 to 3.6 V
VDD = 1.8 to 3.6 V (TA = –40 to +85
°C)
(TA = –40 to +85
°C)
System clock frequency
•fX = 2.4 to 4 MHz
•fX = 2.4 to 4 MHz
•fX = 4 to 8 MHzNote
• fX = 2.4 to 8 MHz (VDD = 2.2 to 3.6 V)
Electrical specifications
Some electrical specifications, such as data retention voltage and current
consumption, differ. For details, refer to Data Sheet of each model.
Note It is necessary to design the application circuit so that the RESET pin goes low when the supply voltage
is less than 2.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com