Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3002 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3002
Description  Description of the M24LRxx-R and M24LRxxE-R dual interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3002 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3002 Datasheet HTML 7Page - STMicroelectronics AN3002 Datasheet HTML 8Page - STMicroelectronics AN3002 Datasheet HTML 9Page - STMicroelectronics AN3002 Datasheet HTML 10Page - STMicroelectronics AN3002 Datasheet HTML 11Page - STMicroelectronics AN3002 Datasheet HTML 12Page - STMicroelectronics AN3002 Datasheet HTML 13Page - STMicroelectronics AN3002 Datasheet HTML 14Page - STMicroelectronics AN3002 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AN3002
RF password mechanisms
Doc ID 15912 Rev 2
11/22
The next 2 bits of the Sector security status byte (b3, b4) are the Password Control bits. The
value of these two bits is used to link a password to the sector as defined in Table 6.
The M24LRxx password protection is organized around a dedicated set of commands plus a
system area of three password blocks where the password values are stored. This system
area is described in Table 7.
The dedicated password commands are:
Write-sector Password
The Write-sector Password command is used to write a 32-bit block into the password
system area. This command must be used to update password values. After the write cycle,
the new password value is automatically activated. It is possible to modify a password value
after issuing a valid Present-sector Password command.
On delivery, the three default password values are set to 0000 0000h and are activated.
Lock-sector Password
The Lock-sector Password command is used to set the Sector security status byte of the
selected sector. Bits b4 to b1 in the Sector security status byte are affected by the Lock-
sector Password command. The Sector Lock bit, b0, is set to ‘1’ automatically.
After issuing a Lock-sector Password command, the protection settings of the selected
sector are activated. The protection of a locked block cannot be changed in RF mode.
Table 5.
Read / Write protection bit setting
Sector lock
b2, b1
Sector access when password
presented
Sector access when password not
presented
0
xx
Read
Write
Read
Write
1
00
Read
Write
Read
No Write
1
01
Read
Write
Read
Write
1
10
Read
Write
No Read
No Write
1
11
Read
No Write
No Read
No Write
Table 6.
Password Control bits
b4, b3
Password
00
No password protection: Password 0 condition
01
The sector is protected by the Password 1
10
The sector is protected by the Password 2
11
The sector is protected by the Password 3
Table 7.
Password system area
Add
0
7 8
15
16
23
24
31
1
Password 1
2
Password 2
3
Password 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com