Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3002 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3002
Description  Description of the M24LRxx-R and M24LRxxE-R dual interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3002 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3002 Datasheet HTML 12Page - STMicroelectronics AN3002 Datasheet HTML 13Page - STMicroelectronics AN3002 Datasheet HTML 14Page - STMicroelectronics AN3002 Datasheet HTML 15Page - STMicroelectronics AN3002 Datasheet HTML 16Page - STMicroelectronics AN3002 Datasheet HTML 17Page - STMicroelectronics AN3002 Datasheet HTML 18Page - STMicroelectronics AN3002 Datasheet HTML 19Page - STMicroelectronics AN3002 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
M24LRxx’s conditional memory access
AN3002
16/22
Doc ID 15912 Rev 2
Through the setting of bits b1 & b2 (see Table 5: Read / Write protection bit setting), it is
possible to:
●
write-protect a sector, in which case the sector’s data is read-only
●
read-protect a sector, in which case the sector’s data is not accessible from the RF
In the following example, the initial setting of the M24LRxx is described in Table 13. Sectors
0 to 3 are protected against various read and write access conditions as defined by the
values of their Sector security status bits, b1 and b2.
M24LRxx memory access after RF power-on
After a correct RF power-on condition, the M24LRxx offers the sector access conditions
shown in Table 13: RF memory access conditions at power-on. All the memory sectors can
be read except for sectors 2 & 3, and write operations are allowed on all the sectors except
for sectors 0, 2 & 3.
Table 13.
RF memory access conditions at power-on
Access condition
M24LRxx user memory
SSS byte
Read only
Sector 0
0000 1001b
Read and Write
Sector 1
0000 1011b
Not accessible
Sector 2
0000 1101b
Not accessible
Sector 3
0000 1111b
Read and Write
…
0000 0000b
Read and Write
Sector 62
0000 0000b
Read and Write
Sector 63
0000 0000b
Not accessible in RF
I2C_Write lock bit area
Not applicable
Write once in RF
Sector_Security_Status area
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com