Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3002 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3002
Description  Description of the M24LRxx-R and M24LRxxE-R dual interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3002 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3002 Datasheet HTML 9Page - STMicroelectronics AN3002 Datasheet HTML 10Page - STMicroelectronics AN3002 Datasheet HTML 11Page - STMicroelectronics AN3002 Datasheet HTML 12Page - STMicroelectronics AN3002 Datasheet HTML 13Page - STMicroelectronics AN3002 Datasheet HTML 14Page - STMicroelectronics AN3002 Datasheet HTML 15Page - STMicroelectronics AN3002 Datasheet HTML 16Page - STMicroelectronics AN3002 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN3002
M24LRxx’s conditional memory access
Doc ID 15912 Rev 2
13/22
4
M24LRxx’s conditional memory access
The 64 sectors of the M24LRxx are shared between I2C and RF accesses. Data written in
RF mode can be read in I2C and data written in I2C can be read in RF, if the granted access
authorizes it. This feature provides an easy way of sharing data between contact access
using the I2C bus, on a PCB-based application for example, and RF access using an RFID
reader/writer.
Figure 5.
M24LRxx memory sharing concept
4.1
M24LRxx’s conditional memory access using passwords
4.1.1
I2C access
In the following example, the initial setting of the M24LRxx is described in the Table 8 and
Table 9 below. Sectors 1 and 2 in the memory are protected against write accesses: bits b1
and b2 in the I2C_Write lock bit area are set to 1.
I2C access
M24LRxx
RF access
memory
Data access
in read and
write modes
0x12345678
01010
0x12345678
01010
Data access
in write mode
0x12345678
0x12345678
Data access
in read mode
01010
01010
01010
01010
Data access
in read mode
Data access
in write mode
Data access
in read and
write modes
ai17125
Table 8.
I2C_Write_Lock bit
I2C address
Bits[31:24]
Bits[23:16]
Bits[15:8]
Bits[7:0]
2048
0000 0000b
0000 0000b
0000 0000b
0000 0110b
2052
0000 0000b
0000 0000b
0000 0000b
0000 0000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com