Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3002 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3002
Description  Description of the M24LRxx-R and M24LRxxE-R dual interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3002 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3002 Datasheet HTML 13Page - STMicroelectronics AN3002 Datasheet HTML 14Page - STMicroelectronics AN3002 Datasheet HTML 15Page - STMicroelectronics AN3002 Datasheet HTML 16Page - STMicroelectronics AN3002 Datasheet HTML 17Page - STMicroelectronics AN3002 Datasheet HTML 18Page - STMicroelectronics AN3002 Datasheet HTML 19Page - STMicroelectronics AN3002 Datasheet HTML 20Page - STMicroelectronics AN3002 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
AN3002
M24LRxx’s conditional memory access
Doc ID 15912 Rev 2
17/22
M24LRxx memory access after a valid Present-sector Password command
After a valid Present-sector Password command, the memory sector accesses are changed
as shown in Table 14: RF memory access condition after a valid Present-sector Password.
The sector 0 can be updated by a write command, the sector 3 is now accessible in read
mode, and the sector 2 is accessible in both read and write modes.
This protection mechanism is submitted to an RF password value. The example above uses
the password value 1 as defined by the Sector security status bits b3 & b4. The M24LRxx
provides 3 different passwords, so that 3 different applications can manage its memory
access conditions.
In the multiple RF password protection scheme, the M24LRxx memory can be divided into 6
different areas using the 4 different passwords conditions listed below:
●
The public EEPROM area, no password protection
●
The public ROM area, controlled by the password 0 condition
●
The non-accessible area controlled by the password 0 condition
●
The “application 1” area protected by the password 1
●
The “application 2” area protected by the password 2
●
The “application 3” area protected by the password 3
It is not mandatory to have contiguous sectors affected to the same area as each individual
sector in the M24LRxx can be set to any one of the 4 password conditions.
Table 14.
RF memory access condition after a valid Present-sector Password
Access condition
M24LRxx user memory
SSS byte
Read and Write
Sector 0
0000 1001b
Read and Write
Sector 1
0000 1011b
Read and Write
Sector 2
0000 1101b
Read only
Sector 3
0000 1111b
Read and Write
…
0000 0000b
Read and Write
Sector 62
0000 0000b
Read and Write
Sector 63
0000 0000b
Not accessible in RF
I2C_Write lock bit area
Not applicable
Write once in RF
Sector_Security_Status area
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com