Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3002 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3002
Description  Description of the M24LRxx-R and M24LRxxE-R dual interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3002 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3002 Datasheet HTML 10Page - STMicroelectronics AN3002 Datasheet HTML 11Page - STMicroelectronics AN3002 Datasheet HTML 12Page - STMicroelectronics AN3002 Datasheet HTML 13Page - STMicroelectronics AN3002 Datasheet HTML 14Page - STMicroelectronics AN3002 Datasheet HTML 15Page - STMicroelectronics AN3002 Datasheet HTML 16Page - STMicroelectronics AN3002 Datasheet HTML 17Page - STMicroelectronics AN3002 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
M24LRxx’s conditional memory access
AN3002
14/22
Doc ID 15912 Rev 2
M24LRxx memory access after I2C power-on
After a correct I2C power-on condition, the M24LRxx offers the sector access conditions
shown in Table 9: I2C memory access condition at power on.
All the memory sectors can be read, and write operations are allowed on all sectors except
for sectors 1 & 2.
Note:
The I2C_Write lock bit area can be accessed in read mode only.
M24LRxx memory access after a valid I2C Present Password command
After a valid I2C Present Password command, assuming that the 32-bit password matched,
the M24LRxx’s sector access conditions are modified as described in Table 10: I2C memory
access condition after a valid I2C Present Password.
All the 64 sectors of the M24LRxx are open to any write and read commands.
The I2C_Write lock bit area can also be updated to remove or add sector write protections.
The write protection of the sector 2 can be removed by resetting bit b2 to 0 and the sectors
62 & 63 can be write-protected by setting the bits b62 & b63 to 1.
Note:
It is also possible to update the Sector security status bytes used to define the read and
write RF accesses to the M24LRxx sectors. The I2C bus gives full control over the RF sector
access conditions. This feature allows the main application system connected to the I2C bus
to fully control the M24LRxx access conditions for both I2C and RF.
Table 9.
I2C memory access condition at power on
Access condition
M24LRxx user memory
Read and Write
Sector 0
Read only
Sector 1
Read only
Sector 2
Read and Write
Sector 3
Read and Write
…
Read and Write
Sector 62
Read and Write
Sector 63
Read only
I2C_Write lock bit area
Read only
Sector_Security_Status area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com