Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3002 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3002
Description  Description of the M24LRxx-R and M24LRxxE-R dual interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3002 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3002 Datasheet HTML 14Page - STMicroelectronics AN3002 Datasheet HTML 15Page - STMicroelectronics AN3002 Datasheet HTML 16Page - STMicroelectronics AN3002 Datasheet HTML 17Page - STMicroelectronics AN3002 Datasheet HTML 18Page - STMicroelectronics AN3002 Datasheet HTML 19Page - STMicroelectronics AN3002 Datasheet HTML 20Page - STMicroelectronics AN3002 Datasheet HTML 21Page - STMicroelectronics AN3002 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
AN3002
M24LRxx’s conditional memory access
Doc ID 15912 Rev 2
19/22
Figure 8.
RF multiple password memory access condition after password 2
presentation
Using the password 0 condition
The M24LRxx offers the possibility of permanently locking the RF read/write access rights of
a sector. The password 0 condition is applied by resetting (to ‘0’) the bits b4 and b3 in the
Sector security status byte (see Table 6: Password Control bits), and then by issuing the RF
Lock-sector Password command. The access rights defined by bits b2 and b1 (see Table 5:
Read / Write protection bit setting) are then applied in a permanent way. Indeed, since the
RF Present-sector Password command does not allow the use of Password 0, the sector
access rights once applied can no longer be modified.
4.1.3
Mixed RF and I2C access
Mixed data access conditions between the main application (using the I2C bus) and the RF
environment (using the RFID reader/writer) can be defined on the basis of the I2C and RF
access conditions described in Section 4.1.1: I2C access and Section 4.1.2: RF access.
The M24LRxx offers flexibility, allowing the sharing of data or restricting their access as
illustrated in Figure 9: M24LRxx RF and I2C access condition mix.
Access condition
M24LRxx user memory sectors
Password
Read and write
Password 2
Not accessible
Password 3
Not accessible
Password 1
Read and write
No password
Read and write
Password 2
Read only
Public area ROM
Application area 2
Application area 3
Application area 1
Public area EEPROM
Application area 2
ai17128
Password 0 condition
Password 0 condition
Not accessible
Non-accessible area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com