Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3181 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3181
Description  Guidelines for obtaining IEC 60335 Class B certification in an STM8 application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3181 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3181 Datasheet HTML 3Page - STMicroelectronics AN3181 Datasheet HTML 4Page - STMicroelectronics AN3181 Datasheet HTML 5Page - STMicroelectronics AN3181 Datasheet HTML 6Page - STMicroelectronics AN3181 Datasheet HTML 7Page - STMicroelectronics AN3181 Datasheet HTML 8Page - STMicroelectronics AN3181 Datasheet HTML 9Page - STMicroelectronics AN3181 Datasheet HTML 10Page - STMicroelectronics AN3181 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
AN3181
Compliance with IEC and VDE standards
Doc ID 17286 Rev 2
7/31
2
Compliance with IEC and VDE standards
The IEC (International Electrotechnical Commission) is a non-profit and non-governmental
authority recognized worldwide for preparing and publishing international standards for a
vast range of electrical, electronic and related technologies. IEC standards are focused
mainly on safety and performance, the environment, electrical energy efficiency and its
renewable capabilities. The IEC cooperates closely with ISO (International Organization for
Standardization) and ITU (International Telecommunication Union). Their standards define
not only the recommendations for hardware, but also for software solutions. Standards are
divided into a number of safety classes depending on the purpose of the application.
The other bodies that are recognized worldwide in the field of electronic standard
organizations are VDE in Germany, IET in the United Kingdom and the IEEE in the United
States. The VDE association also includes a Testing and Certification Institute which is a
pioneer of software safety inspection. This is a registered National Certification Body (NCB)
for Germany. The main purpose of this testing house is to offer standards compliance and
quality testing services to manufacturers of electrical appliances.
One of the pivotal IEC standards is the IEC 60335-1 norm, which covers safety and security
of household electronic appliances destined for domestic and similar environment.
Appliances incorporating electronic circuits are subject to component failure tests. The basic
principle is that the appliance must remain safe in the case of any component failure. The
microcontroller is an electronic component just like any other from this point of view. If safety
relies on an electronic component, it must remain safe after two consecutive faults. This
means the appliance must stay safe with one hardware failure and with the microcontroller
not operating (under reset or not operating properly).
If the safety depends on software, the software is taken into account with the second applied
failure. The conditions required for software are defined precisely in Annex Q of the
IEC 60335-1 norm. Three classes of appliances are defined here:
●
Class A: Safety does not rely on software
●
Class B: Software prevents unsafe operation
●
Class C: Software is intended to prevent special hazards
This application note and the associated ST software package covers the group B
specification. Appliances under group C need some other special requirements such as
dual microcontroller operation, which is outside the scope of this document.
Class B compliance aspects for microcontrollers are related both to hardware and software.
A list of microcontroller parts under compliance is evaluated at IEC 60335-1 Annex T which
refers to IEC 60730 Annex H. This list can be divided into two groups - micro-specific and
application-specific items. (see Table 2: MCU components to be tested for Class B
compliance).
While application-specific parts rely on customer application structure and must be defined
and developed by users (communication, I/O control, interrupts, analog inputs and outputs),
micro-specific parts are related purely to the micro structure and can be made generic (core
self-diagnostic, volatile and non-volatile memory integrity checking, clock system tests). This
group of micro-specific tests is the focus of the ST solution based on powerful hardware
features of STM8 MCU such as dual independent watchdogs or clock sources.
It is important to note that there are several other peer recognized bodies concerning
electronic safety standards besides IEC, such as VDE in Germany, IET in the United
Kingdom and the IEEE in the United States. In addition, an increasing number of product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com