Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3181 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3181
Description  Guidelines for obtaining IEC 60335 Class B certification in an STM8 application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3181 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3181 Datasheet HTML 7Page - STMicroelectronics AN3181 Datasheet HTML 8Page - STMicroelectronics AN3181 Datasheet HTML 9Page - STMicroelectronics AN3181 Datasheet HTML 10Page - STMicroelectronics AN3181 Datasheet HTML 11Page - STMicroelectronics AN3181 Datasheet HTML 12Page - STMicroelectronics AN3181 Datasheet HTML 13Page - STMicroelectronics AN3181 Datasheet HTML 14Page - STMicroelectronics AN3181 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
AN3181
Class B software package
Doc ID 17286 Rev 2
11/31
3
Class B software package
This section highlights the basic common principles used in ST software solution. The
workspace organization under different tools is described together with its configuration and
debugging capabilities.
3.1
Basic software principles
The basic software methods and common principles used for all the tests included in the ST
firmware library are described in detail at this section.
3.1.1
Fail Safe mode
FailSafe() routine is called (defined in stm8x_stl_startup.c file) at any fail detection. The
program stays in a never ending loop waiting for WDG reset. Except for some debugging
features, the routine is almost empty. When editing this routine, the user must remember to
include procedures necessary to keep the application in a safe state.
If the user wants to recognize the error raised, the debug or verbose mode described in
Section 3.3: Package configuring and debugging can be used. In debug mode the
independent WDG is refreshed inside the never ending loop to prevent resetting the
microcontroller when a failure occurs.
3.1.2
Class B variables
Class B variables are dedicated variables defined by the user as critical to the application.
They are always stored as a pair of complementary values in two separate RAM areas. Both
normal and redundant values are always placed into non-adjacent memory locations. Partial
transparent RAM March C- or March X test is performed permanently on these two regions
through the system interrupt routines in run mode. The integrity of the pair is compared
before the value is used. If any value stored is corrupted, FailSafe() routine is called. An
example of RAM configuration is shown in Figure 1. The user can adapt the RAM space
allocation according to application needs and with respect to device hardware capability.
Figure 1.
Example of RAM memory configuration for STM8S20x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com