Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3181 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3181
Description  Guidelines for obtaining IEC 60335 Class B certification in an STM8 application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3181 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3181 Datasheet HTML 14Page - STMicroelectronics AN3181 Datasheet HTML 15Page - STMicroelectronics AN3181 Datasheet HTML 16Page - STMicroelectronics AN3181 Datasheet HTML 17Page - STMicroelectronics AN3181 Datasheet HTML 18Page - STMicroelectronics AN3181 Datasheet HTML 19Page - STMicroelectronics AN3181 Datasheet HTML 20Page - STMicroelectronics AN3181 Datasheet HTML 21Page - STMicroelectronics AN3181 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Class B solution structure
AN3181
18/31
Doc ID 17286 Rev 2
routine. The user must force the reset vector to the first address in STL_StartUp() routine.
The startup tests block structure is shown in Figure 5 and includes the following self tests:
●
Watch dogs startup test
●
CPU startup test
●
Flash complete checksum test
●
Full RAM March C-/X test
●
Clock startup test
●
Control flow checks
These blocks are described in more details in the next chapters. User can control including
them as usual in the configuration file stm8_stl_param.h.
Figure 5.
startup self tests structure
4.2.1
Watchdog startup self test
The first startup self test is to enter WDG self test routine. The program passes through this
routine three times. First the routine checks the reset source in reset status register. If
Independent watchdog (IWDG) is not flagged in reset status register, then reset sources is
cleared and IWDG test begins. The IWDG is set to the shortest period and the
microcontroller is reset by hardware and IWDG flag is set (see Figure 6). The routine comes
back to the beginning and check WDG flags. When IWDG is recognized, it looks for WWDG
flag. If WWDG is not flagged, the test continues a second time with window watchdog
(WWDG) test. Again the microcontroller is reset by hardware and WWDG flag is set. When
both WDG flags are set in the reset status register, the test is assumed as finished and both
flags are cleared. WWDG is not present at STM8L10x devices, so WWDG test is not
present.
User must carefully set both IWDG and WWDG periods. Time periods and window refresh
parameters must be set according to the time base interval because refresh is done at the
successful end of the periodical run mode test in main loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com