Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3181 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3181
Description  Guidelines for obtaining IEC 60335 Class B certification in an STM8 application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3181 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3181 Datasheet HTML 18Page - STMicroelectronics AN3181 Datasheet HTML 19Page - STMicroelectronics AN3181 Datasheet HTML 20Page - STMicroelectronics AN3181 Datasheet HTML 21Page - STMicroelectronics AN3181 Datasheet HTML 22Page - STMicroelectronics AN3181 Datasheet HTML 23Page - STMicroelectronics AN3181 Datasheet HTML 24Page - STMicroelectronics AN3181 Datasheet HTML 25Page - STMicroelectronics AN3181 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Class B solution structure
AN3181
22/31
Doc ID 17286 Rev 2
Figure 10.
Clock startup self test subroutine structure
1.
Low speed external (LSE) clock source can be started/checked at the beginning of the test and measured
feeding the dedicated timer on STM8L15x devices. They can be inserted into the beginning of this routine.
2.
High speed external (HSE) tests are skipped on STM8L10x devices.
3.
LSI frequency is different for STM8S and STM8L devices. That is why the four consequent LSI periods are
gated at STM8S devices (LSI=128 kHz) and only one period is used for measure on STM8L devices
(LSI=38 kHz).
4.3
Periodic run mode self tests initialization
Run time self tests must be initialized just before the program enters the main loop
performing the run mode self tests (refer to Figure 4). This must come just after start-up self
tests have been executed and standard initialization done. The timing should be set to
ensure that run mode tests are called properly and at regular intervals.
All class B variables must first be initialized. Zero and its complement value are stored in
every class B variable complementary pair. The magic pattern is than stored at the top of
stack space. Timer peripherals are configured for the tick interval measurement and master
clock frequency measurement. Master frequency is gated by the LSI clock. The same
method as for startup test is used. The resulting number of pulses is stored into the class B
variable pair as an initial reference sample of master frequency measure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com