Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3181 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3181
Description  Guidelines for obtaining IEC 60335 Class B certification in an STM8 application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3181 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3181 Datasheet HTML 23Page - STMicroelectronics AN3181 Datasheet HTML 24Page - STMicroelectronics AN3181 Datasheet HTML 25Page - STMicroelectronics AN3181 Datasheet HTML 26Page - STMicroelectronics AN3181 Datasheet HTML 27Page - STMicroelectronics AN3181 Datasheet HTML 28Page - STMicroelectronics AN3181 Datasheet HTML 29Page - STMicroelectronics AN3181 Datasheet HTML 30Page - STMicroelectronics AN3181 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
AN3181
STM8 Class B firmware package variations
Doc ID 17286 Rev 2
29/31
Appendix A
STM8 Class B firmware package variations
Table 5.
STM8 Class B firmware packages
STM8S/A package
Medium density
STM8L/AL package
Low density
STM8L/AL/TL
package
Optional UART verbose mode
YES
YES
NO(1)
1.
Errors are manifested by error codes passed to FailSafe() routine.
Demo mode with
optional LCD screen
YES
YES
NO
Window watchdog test
YES
YES
NO(2)
2.
Window watchdog is available at STM8TL5x devices only.
High speed external
(HSE) clock test
YES
YES
NO
Low speed external
(LSE) clock test
NO
YES
NO
Low speed internal (LSI)
frequency / number
of LSI periods used at
clock tests (measurement)
128 kHz / 4
38 kHz / 1
38 kHz / 1
Stack space at the top
of RAM [bytes]
1024 / 512(3)
3.
The stack is limited for some STM8S Access line devices and STM8A devices with up to 32 Kbytes
non-volatile memory; for proper values, see the corresponding datasheets.
513
513(4)
4.
Stack is not limited for STM8TL5x devices; there is rollover (due to over/underflow) only if the stack
overlaps the 4 Kbytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com