Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3181 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3181
Description  Guidelines for obtaining IEC 60335 Class B certification in an STM8 application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3181 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3181 Datasheet HTML 9Page - STMicroelectronics AN3181 Datasheet HTML 10Page - STMicroelectronics AN3181 Datasheet HTML 11Page - STMicroelectronics AN3181 Datasheet HTML 12Page - STMicroelectronics AN3181 Datasheet HTML 13Page - STMicroelectronics AN3181 Datasheet HTML 14Page - STMicroelectronics AN3181 Datasheet HTML 15Page - STMicroelectronics AN3181 Datasheet HTML 16Page - STMicroelectronics AN3181 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AN3181
Class B software package
Doc ID 17286 Rev 2
13/31
3.2
Package organization
This section describes how the ST solution is organized.
3.2.1
Projects and workspaces included in the package
Three projects have been prepared for each package using different toolchains. The project
for IAR C-compiler is done under IAR EWSTM8 environment, while projects for both Cosmic
and Raisonance C-compilers are done as ST Visual Develop (STVD) project workspaces.
The corresponding Project.eww or Project.stw project file must be configured for a specific
STM8x device settings and adequate workspace configuration before any compilation.
3.2.2
Tool specific integration of the library
Each project covers all settings and includes needs for both compilation and linking
processes. User has to check the symbols defined for preprocessor at project settings as
these symbols configure the project main structure and used features. The user can make
detailed configurations at library parametric header file (see Section 3.3: Package
configuring and debugging). Predefined linker script files *.icf are included at IAR projects
for different microcontrollers. Linker script files *.lkf for STVD projects are generated
automatically and placed into DEBUG or RELEASE directories. User can make a copy of
these files, edit them and force compiler to use the overwritten file.
Reset handler must be modified to perform STL_StartUp function after reset before
standard C-compiler initialization starts. Therefore startup assembly file csstartup.s (IAR) or
startup.asm (Raisonance) must be modified in that way. For Cosmic, the reset handler is
changed at stm8_interrupt_vector.c file.
Caution:
Be careful when invariable memory checksum setting is configured for the project. It is
quite different for different compilers. IAR compiler uses project option setting applied at its
specific Checksum card window of linker. When Raisonance C-compiler is used, user
should define checksum range and its placement using user defines option declared at the
project settings:
●
CRCRANGE(begin_address, end_address) - continuous space under CRC
computation
●
CRCPLACE(crc_address) - placement of CRC result
●
FILLGAP(fill_constant) - setup of unused memory areas
Cosmic C-compiler requires to define all the segments under checksum computation (by
adding -ck parameter to each of them) and specific checksum segment keeping the
checksum descriptor table must be included into the project and allocated at invariable
memory additionally with applied -ik parameter.
Specific segments for Class B variables and checking stack overflow must be added into
project and allocated at variable memory, too. Double storage in CLASS_B_RAM and
CLASS_B_RAM_REV separated segments is necessary to ensure the redundancy of the
safety critical data (Class B). All other variables defined without any particular attributes are
considered as Class A variables and their storage area is not checked during the
transparent RAM test. The size and allocation of these segments can be modified at linker
script files or directly by project settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com