Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3206 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3206
Description  PCB design guidelines for the STM32W108 platform
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3206 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3206 Datasheet HTML 2Page - STMicroelectronics AN3206 Datasheet HTML 3Page - STMicroelectronics AN3206 Datasheet HTML 4Page - STMicroelectronics AN3206 Datasheet HTML 5Page - STMicroelectronics AN3206 Datasheet HTML 6Page - STMicroelectronics AN3206 Datasheet HTML 7Page - STMicroelectronics AN3206 Datasheet HTML 8Page - STMicroelectronics AN3206 Datasheet HTML 9Page - STMicroelectronics AN3206 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Reference design
AN3206
6/14
Doc ID 17406 Rev 3
To minimize network loss, the matching topology should try to keep Smith chart loci towards
the center of the Smith chart. To do that, the following impedance transformation options are
available:
●
Series inductance followed by Shunt capacitance
–
This option favors lower balun ratios.
–
It leads to comparatively large inductance values.
–
It requires either long PCB traces or two discrete inductors (balanced network)
which means inductor Q becomes an issue.
●
Series inductance followed by Shunt inductance
–
Similar to auto-transformer action.
–
Sweet-spot for 100
Ω balun if series inductance fabricated from PCB traces since
neither too long nor too short.
●
Shunt inductance followed by series capacitance
–
Not allowed because DC feed to PA is required from balun centre-tap.
●
Shunt inductance followed by Series inductance
–
Favors lower balun ratios, but even at 1:1 the required series inductance is
comparatively large.
–
It requires either long PCB traces or two discrete inductors (balanced network)
which means inductor Q becomes an issue.
PCB parasitic elements play a part in the impedance transformation and even with the
tightest of layouts, traces between the matching elements will add significant reactance at
2.4 GHz. In particular, there will be some series inductance between the package pins and
the first matching element. This is significant when that element is shunted because it
cannot be absorbed into that reactance. Since this effect cannot be avoided, it is best to take
advantage of it.
The option with the lowest loss and least complex arrangement is series inductance
followed by shunt inductance. To make use of the PCB traces, it must be recognized that
they operate more like transmission lines which travel slightly differently on the Smith chart
compared with real inductors and this affects the shunt inductance value.
Traces of 100
Ω which equate to 150um wide on a 0.4mm thick FR-4 substrate should be
used. In ST's simple single-ended representation in the Smith chart, the balanced pair must
be modeled as a single 200
Ω transmission line. Figure 3 illustrates the impedance
transformation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com