Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3206 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3206
Description  PCB design guidelines for the STM32W108 platform
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3206 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3206 Datasheet HTML 1Page - STMicroelectronics AN3206 Datasheet HTML 2Page - STMicroelectronics AN3206 Datasheet HTML 3Page - STMicroelectronics AN3206 Datasheet HTML 4Page - STMicroelectronics AN3206 Datasheet HTML 5Page - STMicroelectronics AN3206 Datasheet HTML 6Page - STMicroelectronics AN3206 Datasheet HTML 7Page - STMicroelectronics AN3206 Datasheet HTML 8Page - STMicroelectronics AN3206 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN3206
Reference design
Doc ID 17406 Rev 3
5/14
would yield higher signal voltage swings at the LNA input, making the input referred noise
less significant and thereby improving sensitivity. However, this also increases the source
resistance, thereby increasing the source noise voltage. In practice at the 700
Ω level, the
improvement gradient is very small and the transmit output power exhibits far greater
sensitivity to load variation than receiver sensitivity. The main objective for receive sensitivity
is to minimize network loss, which is a common objective when transmitting.
The optimum load presented to the pins of the STM32W108 device must take into
consideration not only the optimum PA load but also on-chip parasitic capacitance and
package bond-wire inductance. It is estimated that the optimum load presented to the pins is
27 + j95
Ω (series impedance). This is equivalent to a parallel resistance of 368Ω combined
with a parallel inductance of 6.6 nH.
2.1.3
Matching network circuit design
The term “matching” typically implies conjugate power matching. It is important to
understand that the STM32W PA is not power matched according to the traditional
definition. The term is used in this document to describe the design of an optimal PA
impedance.
The best way to understand ST's approach towards optimizing the STM32W “matching” is to
plot on the Smith chart the impedance of the ideal 700
Ω PA load transformed by the
chip/package parasitic elements. The combination of the ideal load with the parasitic
elements is the conjugate of the ideal load presented to the package pins. Knowing the
combined load and its conjugate allows the designer to approach matching in a more
traditional sense, namely, “How do we get to 50
Ω?”
It is also necessary at some point in the network to include a balanced-to-unbalanced
(balun) conversion. Use of a ‘proper’ balun has performance benefits related to common-
mode suppression both on transmit and receive sides.
There are a variety of balun architectures and solutions available. The primary objective of
any of ST's reference designs is to minimize design complexity and maximize time to
market. Therefore, ST decided to implement its primary reference design with a ceramic
balun. The cost of ceramic baluns is low, and they are available from a number of vendors.
Ceramic baluns are available in 1:1 (50 to 50
Ω), 2:1 (100 to 50Ω), and 4:1 ratios (200 to
50
Ω).
The magnitude of the reflection coefficient, |
⎡
L |, in these three cases is:
●
1:1 (50
Ω) → 0.8
●
2:1 (100
Ω) → 0.76
●
4:1 (200
Ω) → 0.8
This implies that a 2:1 ceramic balun should offer the lowest network loss, assuming
identical balun loss because it requires the least transformation.
Investigation into ceramic balun performance from various vendors reveals that 1:1 and 2:1
ratio baluns often have an approximate 0.3 dB insertion loss advantage over a 4:1 ratio.
Thus the use of a 2:1 ceramic balun is preferred.
Optimal Load for STM32W (series impedance)
27 + j95
Ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com