Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3206 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3206
Description  PCB design guidelines for the STM32W108 platform
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3206 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3206 Datasheet HTML 6Page - STMicroelectronics AN3206 Datasheet HTML 7Page - STMicroelectronics AN3206 Datasheet HTML 8Page - STMicroelectronics AN3206 Datasheet HTML 9Page - STMicroelectronics AN3206 Datasheet HTML 10Page - STMicroelectronics AN3206 Datasheet HTML 11Page - STMicroelectronics AN3206 Datasheet HTML 12Page - STMicroelectronics AN3206 Datasheet HTML 13Page - STMicroelectronics AN3206 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN3206
Non-RF design considerations
Doc ID 17406 Rev 3
11/14
3.2
Optional Low-frequency crystal reference (X2, C27 and C26)
The STM32W contains an integrated sleep timer that allows for software configuration of
sleep/wake cycles of the wireless node. There are two options for driving the sleep timer: a
32.768 kHz crystal oscillator or an internal RC oscillator. The crystal oscillator is more
accurate but consumes more current than the RC oscillator. The RC oscillator is sufficient
for operating ST's IEEE 802.15.4 software libraries and stacks. Therefore, the application's
sleep timing accuracy will decide if a 32-kHz crystal is required.
Figure 7 illustrates the crystal oscillator with its loading capacitors. To reduce the effects of
overdriving the oscillator circuit within the STM32W, ST recommends an asymmetrical
loading of the crystal.
Figure 7.
32-kHz low-frequency crystal
If the application does not need the 32-kHz crystal, then the pins OSC32A (GPIO22) and
OSC32B (GPIO23) can be used as a general-purpose IO.
Table 2.
High frequency crystal requirements
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Frequency
24
MHz
Duty cycle
40
60
%
Phase noise from 1kHz to
100kHz
- 120
dBc/Hz
Accuracy
Initial, temperature, and
aging
- 40
+ 40
ppm
Crystal ESR
Load capacitance of 10pF
100
Crystal ESR
Load capacitance of 18pF
60
Start-up time to stable clock
(max. bias)
1ms
Start-up time to stable clock
(optimum bias)
2ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com