Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3206 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3206
Description  PCB design guidelines for the STM32W108 platform
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3206 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3206 Datasheet HTML 4Page - STMicroelectronics AN3206 Datasheet HTML 5Page - STMicroelectronics AN3206 Datasheet HTML 6Page - STMicroelectronics AN3206 Datasheet HTML 7Page - STMicroelectronics AN3206 Datasheet HTML 8Page - STMicroelectronics AN3206 Datasheet HTML 9Page - STMicroelectronics AN3206 Datasheet HTML 10Page - STMicroelectronics AN3206 Datasheet HTML 11Page - STMicroelectronics AN3206 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Reference design
AN3206
8/14
Doc ID 17406 Rev 3
By routing in this manner, PCB area and cost are wasted. It also requires the model to be
updated to a three-element match, generally making it more difficult to simulate.
An added benefit of using an 0603 inductor over an 0402 inductor is that better Q is
obtainable. The STM32W Ceramic Balun Reference Design uses a Murata LQG18H series
inductor which has a typical Q of approximately 100 at 2.4 GHz. Compare this to the
commonly used LQP15M 0402 inductor, which has a typical Q of approximately 50. This is
worth nearly 0.2 dB. The disadvantage is that it is not possible to get E24 values in 0603
style at these sorts of component values. So a small price is paid on design centering.
As previously mentioned, the balun center tap is fed with a 1.8V DC feed. A decoupling
capacitor is required to define the common-mode RF potential. The balun decoupling
capacitor needs to be as close as possible to the balun pins and with a high quality ground
connection. Its value is chosen to be series resonant with its parasitic inductance at 2.4GHz.
While it would be possible to tune-out longer tracks by using a smaller capacitor value, this
has the effect of making the decoupling more narrow-band, which can impact common-
mode harmonic suppression.
2.1.4
Harmonic filter design
FCC Rule 15.35 allows for a duty-cycle relaxation to the regulatory limits. For EmberZNet
Pro, the relaxation is 6.9 dB.
FCC Rule 15.205 defines 'restricted bands' where harmonics must meet the levels set out in
FCC Rule 15.209. This is defined as -41.2 dBm/MHz up to 12.5 GHz. This applies to the
2nd, 3rd, and 5th harmonics, but not the 4th harmonic.
ETSI EN 300 440-1 requires spurious emissions to be less than -30 dBm/MHz,
1GHz~24GHz, so this becomes the default limit for the 4th harmonic.
Generally, if FCC limits are met it is extremely unlikely that harmonics to 24 GHz would fail
ETSI requirements, so frequencies above the 5th harmonic are not considered here.
The overall requirement is shown in Table 1.
2.1.5
Band-pass filter
ST decided to use a band-pass filter as it is a convenient way to ensure that unwanted
harmonics are filtered out and 50 Ohms adaptation is guaranteed between the balun and
the antenna matching circuitry.
2.1.6
Antenna matching circuit
A matching circuit is needed to adapt the impedance between the 50-Ohm band-pass filter
and the antenna. Ideally a 50-Ohm trace should be enough, but, in reality, antenna
impedance varies with its environment. Once the antenna characteristics as been measured
Table 1.
Harmonic power limits
Harmonic
Frequency
Limit
2nd
4810~4960 MHz
≤–34.3 dBm/MHz
3rd
7215~7440 MHz
≤–34.3 dBm/MHz
4th
9620~9920 MHz
≤–30.0 dBm/MHz
5th
12025~12400 MHz
≤–34.3 dBm/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com