Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3206 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3206
Description  PCB design guidelines for the STM32W108 platform
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3206 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3206 Datasheet HTML 6Page - STMicroelectronics AN3206 Datasheet HTML 7Page - STMicroelectronics AN3206 Datasheet HTML 8Page - STMicroelectronics AN3206 Datasheet HTML 9Page - STMicroelectronics AN3206 Datasheet HTML 10Page - STMicroelectronics AN3206 Datasheet HTML 11Page - STMicroelectronics AN3206 Datasheet HTML 12Page - STMicroelectronics AN3206 Datasheet HTML 13Page - STMicroelectronics AN3206 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Non-RF design considerations
AN3206
12/14
Doc ID 17406 Rev 3
3.3
1.8V regulator load capacitor
The STM32W operates over a supply voltage (VBRD) of 2.1 to 3.6V. An integrated 1.8V
regulator converts VBRD down to a trimmed 1.8V. To stabilize the integrated regulator, a
2.2 µF ceramic loading capacitor is required on the output of VREG_OUT of the STM32W. A
series resistor (R5) is used to keep the minimum ESR of the loading capacitor below 1 Ohm.
This is shown in Figure 8.
Figure 8.
1.8V regulator loading capacitance
3.4
1.2V regulator loading
The STM32W contains an integrated 1.2V Regulator to drive the Core Logic. By driving the
core at this lower VDD potential, reduced current consumption is achieved. To utilize this
regulated voltage, a PCB designer should connect pin VDD_CORE_0 to pin VDD_CORE_1.
If you would like to drive the core at 1.8V, then the 1.8V net should be connected to both
pins VDD_CORE_0 and VDD_CORE_1.
A 1µF ceramic loading capacitor should be placed close to pin VDD_CORE_0. In addition, a
10nF decoupling capacitor should be place close to pin VDD_CORE_1.
3.5
1.8V net decoupling
To minimize noise and coupling paths into the STM32W, decoupling capacitors must be
placed on each of the VDD pins. All decoupling capacitors should be placed as close to the
STM32W as possible as well as in between the source point (via) and the STM32W pin. In
addition, all values should be maintained as defined by the STM32W Reference Design.
3.6
1.8V analog to 1.8V digital filtering
To keep the Radio Active current at 36 mA, ST recommends adding a single element filter
(resistor) between the digital and analog 1.8V nets, 1.8V_A and 1.8V_D, respectively (see
Figure 9). This resistor maintains a reduced bias current for the digital logic within the
STM32W. If this resistor is not used, the RX current will increase by 1mA to 37mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com