Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3206 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3206
Description  PCB design guidelines for the STM32W108 platform
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3206 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3206 Datasheet HTML 5Page - STMicroelectronics AN3206 Datasheet HTML 6Page - STMicroelectronics AN3206 Datasheet HTML 7Page - STMicroelectronics AN3206 Datasheet HTML 8Page - STMicroelectronics AN3206 Datasheet HTML 9Page - STMicroelectronics AN3206 Datasheet HTML 10Page - STMicroelectronics AN3206 Datasheet HTML 11Page - STMicroelectronics AN3206 Datasheet HTML 12Page - STMicroelectronics AN3206 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN3206
Reference design
Doc ID 17406 Rev 3
9/14
using a vector network analyzer (VNA), it is easy to figure out with the help of a Smith chart
the value needed to compensate the de-adaptation. In our practical case, a serial capacitor
(C8) and inductor (L1) have been selected.
Figure 5.
Antenna matching circuit
2.2
RF layout guidelines
At 2.4GHz it does not take much for a poorly designed PCB to build up enough parasitic
reactance to noticeably compromise RF performance. The following notes describe how the
PCB design was implemented and some of the pitfalls that could arise in transferring the
design to a product.
2.2.1
PCB tolerance
Volume manufacturing requires the least expensive materials to be used while meeting an
acceptable level of performance. The effects of component choice have already been
discussed, but the PCB also plays a major part in the matching network and so you must
consider its performance.
For the types of cost-sensitive applications targeted, a low-cost PCB substrate is mandatory,
which means using a standard FR-4 epoxy. But within the FR4 classification there are cost
trade-offs to be made against:
●
Dissipation Factor, DF (also known as loss tangent, tanδ)
●
Dielectric Constant, DK (also known as relative permittivity,
ε
r)
Generally, materials are split into 'standard loss' and 'low loss' categories, with a
corresponding cost penalty. Other product considerations such as flammability rating and
lead-free assembly will narrow these choices. These are beyond the scope of this
document.
Modern PCB manufacturing achieves very accurate etching and so this is not considered as
a performance variable. Z-axis expansion depends on the FR-4 material and does not alter
much between vendors' material.
2.3
Other design considerations
Please refer to Section 3 for the non-RF requirements of the STM32W-based design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com