Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3224 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 13Page - STMicroelectronics AN3224 Datasheet HTML 14Page - STMicroelectronics AN3224 Datasheet HTML 15Page - STMicroelectronics AN3224 Datasheet HTML 16Page - STMicroelectronics AN3224 Datasheet HTML 17Page - STMicroelectronics AN3224 Datasheet HTML 18Page - STMicroelectronics AN3224 Datasheet HTML 19Page - STMicroelectronics AN3224 Datasheet HTML 20Page - STMicroelectronics AN3224 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
AN3224
PR101-USB and MR101-USB reader detection
Doc ID 17559 Rev 2
17/49
4.1.4
FEUSB_GetScanListPara
FEUSB_GetScanListPara Visual Basic prototype
Table 7 illustrates the FEUSB_GetScanListPara Visual Basic function.
FEUSB_GetScanListPara C/C++ prototype
Table 8 illustrates the FEUSB_GetScanListPara C/C++ function.
Table 7.
FEUSB_GetScanListPara
Visual Basic function
Function description
Declaration
Public Declare Function FEUSB_GetScanListPara Lib
"FEUSB.DLL" (ByVal iIndex As Long, ByVal cPara As
String, ByVal cValue As String) As Long
Prototype
error = FEUSB_GetScanListPara(iIndex, cPara, cValue)
Parameters
iIndex: Device index number when several USB readers are connected to
the computer USB port.
cPara: Character string containing
Device-ID: USB device serial number
DeviceHnd: USB channel device handle
FamilyName: Name of the device family corresponding to the device
connected to the USB channel
DeviceName: Name of the device connected to the USB channel
Present: USB device if connected (cValue=1) or disconnected (cValue
=0)
cValue: Value returned by the reader depending on cPara.
Returned value
0: no error
Otherwise FEUSB error code
Table 8.
FEUSB_GetScanListPara
C/C++ function
Function description
Declaration
int
DLL_EXT_FUNC FEUSB_GetScanListPara( int iIndex,
char* cParaID, char* cValue );
Prototype
error = FEUSB_GetScanListPara(iIndex, cPara, cValue);
Parameters
iIndex: Device index number when several USB readers are connected to
the computer USB port.
cPara: character string containing
Device-ID: USB device serial number
DeviceHnd: USB channel device handle
FamilyName: Name of the device family corresponding to the device
connected to the USB channel
DeviceName: Name of the device connected to the USB channel
Present: USB device if connected (cValue=1) or disconnected (cValue
=0)
cValue: Value returned by the reader depending on cPara.
Returned value
0: no error
Otherwise FEUSB error code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com