Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3224 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 35Page - STMicroelectronics AN3224 Datasheet HTML 36Page - STMicroelectronics AN3224 Datasheet HTML 37Page - STMicroelectronics AN3224 Datasheet HTML 38Page - STMicroelectronics AN3224 Datasheet HTML 39Page - STMicroelectronics AN3224 Datasheet HTML 40Page - STMicroelectronics AN3224 Datasheet HTML 41Page - STMicroelectronics AN3224 Datasheet HTML 42Page - STMicroelectronics AN3224 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
AN3224
RF ISO 15693 Transparent commands
Doc ID 17559 Rev 2
39/49
6.3
Issuing a Write single block request
with a transparent command
Table 19 and Table 20 gives an example of parameters to be passed to the
FEISC_0xBF_ISOTranspCmd function to issue a Transparent Write single block command.
Section 6.3.1 and Section 6.3.2 describe code examples in Visual Basic and C/C++.
Table 19.
Example of Write single block command in Visual Basic
FEISC_0xBF_ISOTranspCmd parameters
Parameters
lngAttachedDeviceHandle(0): USB Handle
&hFF: Communication address= 0xFF
M:
2: Write mode
lngRspLength: &h18
strReqData:
021F: Reader parameter
0A: RF protocol flag request
21: RF ISO 15693 Write single block command
FA01: address 0x01FA
01020304: data to be written
lngReqDataLen: 20
strRespData: answer from Transponder (if any)
lngRespDataLen: size of strRespData
N:1 (data expressed in characters)
Returned value
Error code
Example
FEISC_0xBF_ISOTranspCmd(lngAttachedDeviceHandle(0),&hFF
,2, 1, &h18, ‘021F0A21FA01
01020304’, lngReqDataLen,
strRespData, lngRespDataLen, 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com