Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3224 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 36Page - STMicroelectronics AN3224 Datasheet HTML 37Page - STMicroelectronics AN3224 Datasheet HTML 38Page - STMicroelectronics AN3224 Datasheet HTML 39Page - STMicroelectronics AN3224 Datasheet HTML 40Page - STMicroelectronics AN3224 Datasheet HTML 41Page - STMicroelectronics AN3224 Datasheet HTML 42Page - STMicroelectronics AN3224 Datasheet HTML 43Page - STMicroelectronics AN3224 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
RF ISO 15693 Transparent commands
AN3224
40/49
Doc ID 17559 Rev 2
6.3.1
Transparent Write single block command
Visual Basic source code example
Private Function WriteSingleBlockRF() As Boolean
Dim strReqData As String
Dim lngReqDataLen As Long
Dim lngRspLength As Long
Dim strRespData As String * 512 ' has to be formatted
Dim lngRespDataLen As Long
Dim lngStatus As Long
'init display
‘txtWriteRF_answer.Text = ""
lngRspLength = &H18 'FEIG response length
' RF WRITE SINGLE BLOCK request
' FEIG reader parameters 0X021F
' Flag
0x0A
' RF Write Single Block command 0X21
' Address 0x01FA :
send FA01
' Data
0x01020304
strReqData = "021F0A21FA0101020304"
lngReqDataLen = Len(strReqData)
lngStatus = _
FEISC_0xBF_ISOTranspCmd(lngAttachedDeviceHandle(0), &HFF, _
&H2, lngRspLength, _
strReqData, lngReqDataLen, _
strRespData, lngRespDataLen, _
1)
Table 20.
Example of Write single block command in C/C++
FEISC_0xBF_ISOTranspCmd parameters
Parameters
IFeiscHandle: USB Handle
0xFF: Communication address
M: 2 (Write mode)
lRspLength: 0x18
strReqData:
021F: Reader parameter
0A: RF protocol flag request
21: RF ISO 15693 Write single block command
FA01: address 0x01FA
01020304: data to be written
lReqLen: 10
&sRspData: answer from Transponder (if any)
&lRspLen: size of sRspData
N: 2 (data expressed in hexadecimal bytes)
Returned value
Error code
Example
iResult = FEISC_0xBF_ISOTranspCmd(iFeiscHandle, 0xFF,
2, iRspLength,’021F0A20FA01’, iReqLen,
&sRspData[0],&iRspLen, 2);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com