Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3224 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 31Page - STMicroelectronics AN3224 Datasheet HTML 32Page - STMicroelectronics AN3224 Datasheet HTML 33Page - STMicroelectronics AN3224 Datasheet HTML 34Page - STMicroelectronics AN3224 Datasheet HTML 35Page - STMicroelectronics AN3224 Datasheet HTML 36Page - STMicroelectronics AN3224 Datasheet HTML 37Page - STMicroelectronics AN3224 Datasheet HTML 38Page - STMicroelectronics AN3224 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
AN3224
RF ISO 15693 Transparent commands
Doc ID 17559 Rev 2
35/49
6.2
Issuing a Read single block request
with a transparent command
Table 17 and Table 18 give an example of parameters to be passed to the
FEISC_0xBF_ISOTranspCmd function to issue a Transparent Read single block command.
Section 6.2.1 and Section 6.2.2 describe code examples in Visual Basic and C/C++.
Table 17.
Example of Read single block command in Visual Basic
FEISC_0xBF_ISOTranspCmd parameters
Parameters
lngAttachedDeviceHandle(0): USB Handle
&hFF: Communication address
M:
1: Read mode
lngRspLength: 0x38
strReqData:
021F: Reader parameter
0A: RF protocol flag request
20: RF ISO 15693 Read single block command
FA01: address &h01FA
lngReqDataLen: 12
strRespData: answer from Transponder (if any)
lngRespDataLen: size of strRespData
N:1 (data expressed in characters)
Returned value
Error code
Example
FEISC_0xBF_ISOTranspCmd(lngAttachedDeviceHandle(0),&hFF
, 1, &h38, ‘021F0A20FA01’, lngReqDataLen, strRespData,
lngRespDataLen, 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com