Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3224 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 21Page - STMicroelectronics AN3224 Datasheet HTML 22Page - STMicroelectronics AN3224 Datasheet HTML 23Page - STMicroelectronics AN3224 Datasheet HTML 24Page - STMicroelectronics AN3224 Datasheet HTML 25Page - STMicroelectronics AN3224 Datasheet HTML 26Page - STMicroelectronics AN3224 Datasheet HTML 27Page - STMicroelectronics AN3224 Datasheet HTML 28Page - STMicroelectronics AN3224 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
AN3224
RF ISO 15693 High-level commands
Doc ID 17559 Rev 2
25/49
5
RF ISO 15693 High-level commands
The FEISC_0xB0_ISOCmd function is part of the FEISC.dll. It allows sending predefined
RF ISO 15693 commands to RF transponders via the FEIG readers, and retrieving the
transponder answers. The reader is identified by its attached device handle contained in the
lngAttachedDeviceHandle(1) variable which must have been previously filled in with the
correct FEIG USB reader handle by calling the FEISC_NewReader function (see
Section 4.2: Detection and connection sequence).
Among the ISO 15693 commands that can be used by FEIG readers to communicate with
M24LRXX transponders are:
●
Inventory: command code is ‘0x01 00’
●
RESET TO READY: command code is ‘0x26 00’
Refer to the M24LRXX datasheet and to user manuals available from http://www.feig.de for
the full list of RF ISO 15693 requests supported by the FEIG readers and ST M24LRXX
Dual interface EEPROM.
Refer to Section 5.1 for a general description of the FEISC_0xB0_ISOCmd function, and to
Section 5.2 and Section 5.3 for details on the High-level Inventory and READY TO READY
functions.
Refer to Appendix C.2 for the full list of error codes returned by the FEISC functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com