Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3224 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 33Page - STMicroelectronics AN3224 Datasheet HTML 34Page - STMicroelectronics AN3224 Datasheet HTML 35Page - STMicroelectronics AN3224 Datasheet HTML 36Page - STMicroelectronics AN3224 Datasheet HTML 37Page - STMicroelectronics AN3224 Datasheet HTML 38Page - STMicroelectronics AN3224 Datasheet HTML 39Page - STMicroelectronics AN3224 Datasheet HTML 40Page - STMicroelectronics AN3224 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
AN3224
RF ISO 15693 Transparent commands
Doc ID 17559 Rev 2
37/49
1)
' RF READ REQUEST RESULT
' if(lngStatus = 0) then PASS else FAIL
' if (lngRespDataLen = 0) then No transponder answer
' else strRespData contains the transponder answer
If (lngRespDataLen = 0) Then
RFReadsingleBlock = False
‘txtReadRF_answer.Text = "No detected Tag answer"
Else
If (Mid(strRespData, 1, 2) = "00") Then
RFReadsingleBlock = True
‘txtReadRF_answer.Text = strRespData & " = read single block
OK"
‘txtReadData.Text = Mid(strRespData, 3, 8)
Else
RFReadsingleBlock = False
‘txtReadRF_answer.Text = strRespData & " = Error code"
End If
End If
End Function
6.2.2
Transparent Read single block command
C/C++ source code example
int RFReadsingleBlock (void)
{
int entry3;
int i;
int iRspLength=56;
int iReqLen,iRspLen,iResult;
unsigned char
sReqData[32]={0};
unsigned char
sRspData[32]={0};
/* RF READ SINGLE BLOCK request format */
/* FEIG reader parameters : 021F*/
/* Flag : 0A
*/
/* RF Read single block command : 20*/
/* Address :01FA
(note : send FA01 = LSB BYTE first)*/
/* request = 021F + 0A20FA01*/
sReqData[0] = (UCHAR)0x02;
sReqData[1] = (UCHAR)0x1F;
sReqData[2] = (UCHAR)0x0A;
sReqData[3] = (UCHAR)0x20;
sReqData[4] = 0xFA
sReqData[5] = 0x01
iReqLen = 6; /* (number of characters :param=2 in request) */
printf("\n\n\n\n");
printf("\n>>> RF Read at adress %.2x%.2x : ",Address_parameter[0],
Address_parameter[1]);
printf("\n
--> request : {021F} ");
for (i=2; i<iReqLen; i++) printf("%.2X",sReqData[i]);
/* FEIG USB request in transparent mode */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com