Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3427 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3427
Description  Migrating a microcontroller application from STM32F1 to STM32F2 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3427 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3427 Datasheet HTML 19Page - STMicroelectronics AN3427 Datasheet HTML 20Page - STMicroelectronics AN3427 Datasheet HTML 21Page - STMicroelectronics AN3427 Datasheet HTML 22Page - STMicroelectronics AN3427 Datasheet HTML 23Page - STMicroelectronics AN3427 Datasheet HTML 24Page - STMicroelectronics AN3427 Datasheet HTML 25Page - STMicroelectronics AN3427 Datasheet HTML 26Page - STMicroelectronics AN3427 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
AN3427
Peripheral migration
Doc ID 019001 Rev 1
23/52
3.5
DMA
STM32 F2 series features a new DMA controller specially designed to get optimum system
bandwidth, based on a complex bus matrix architecture. Thus the architecture, features and
registers of this controller are different from the DMA embedded in the F1 series, i.e. any
code on F1series using the DMA needs to be rewritten to run on F2 series.
STM32 F1 series embeds two DMA controllers, each controller has up to 7 channels. Each
channel is dedicated to managing memory access requests from one or more peripherals. It
has an arbiter for handling the priority between DMA requests.
STM32 F2 series embeds two DMA controllers, each controller has 8 streams, each stream
is dedicated to managing memory access requests from one or more peripherals. Each
stream can have up to 8 channels (requests) in total. Each has an arbiter for handling the
priority between DMA requests.
The table below presents the correspondence between peripheral’s DMA requests in
STM32 F1 series and STM32 F2 series.
For more information about STM32 F2’s DMA configuration and usage, please refer to
section "Stream configuration procedure" in DMA chapter of STM32F2xx Reference Manual
(RM0033).
Table 7.
DMA request differences between STM32 F1 series and STM32 F2 series
Peripheral
DMA request
STM32 F1series
STM32 F2 series
ADC1
ADC1
DMA1_Channel1
DMA2_Channel0: stream0 / stream4
ADC2
ADC2
NA
DMA2_Channel1: stream2 / stream3
ADC3
ADC3
DMA2_Channel5
DMA2_Channel2: stream0 / stream1
DAC
DAC_Channel1
DAC_Channel2
DMA2_Channel3 / DMA1_Channel3(1)
DMA2_Channel4 / DMA1_Channel4(1)
DMA1_Channel7: stream5
DMA1_Channel7: stream6
SPI1
SPI1_Rx
SPI1_Tx
DMA1_Channel2
DMA1_Channel3
DMA2_Channel3: stream0 / stream2
DMA2_Channel3: stream3 / stream5
SPI2
SPI2_Rx
SPI2_Tx
DMA1_Channel4
DMA1_Channel5
DMA1_Channel0: stream3
DMA1_Channel0: stream4
SPI3
SPI3_Rx
SPI3_Tx
DMA2_Channel1
DMA2_Channel2
DMA1_Channel0: stream0 / stream2
DMA1_Channel0: stream5 / stream7
USART1
USART1_Rx
USART1_Tx
DMA1_Channel5
DMA1_Channel4
DMA2_Channel4: stream2 / stream5
DMA2_Channel4: stream7
USART2
USART2_Rx
USART2_Tx
DMA1_Channe6
DMA1_Channel7
DMA1_Channel4: stream5
DMA1_Channel4: stream6
USART3
USART3_Rx
USART3_Tx
DMA1_Channe3
DMA1_Channel2
DMA1_Channel4: stream1
DMA1_Channel4: stream3 /
DMA1_Channel7: stream4
USART6
USART6_Rx
USART6_Tx
NA
DMA2_Channel5: stream1 / stream2
DMA2_Channel5: stream6 / stream7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com