Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3427 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3427
Description  Migrating a microcontroller application from STM32F1 to STM32F2 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3427 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3427 Datasheet HTML 25Page - STMicroelectronics AN3427 Datasheet HTML 26Page - STMicroelectronics AN3427 Datasheet HTML 27Page - STMicroelectronics AN3427 Datasheet HTML 28Page - STMicroelectronics AN3427 Datasheet HTML 29Page - STMicroelectronics AN3427 Datasheet HTML 30Page - STMicroelectronics AN3427 Datasheet HTML 31Page - STMicroelectronics AN3427 Datasheet HTML 32Page - STMicroelectronics AN3427 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
AN3427
Peripheral migration
Doc ID 019001 Rev 1
29/52
3.6
GPIO
The STM32 F2 GPIO peripheral embeds new features compared to F1 series, the main
ones are listed below:
●
GPIO mapped on AHB bus for better performance
●
I/O pin multiplexer and mapping: pins are connected to on-board peripherals/modules
through a multiplexer that allows only one peripheral alternate function (AF) to be
connected to an I/O pin at a time. In this way, there can be no conflict between
peripherals sharing the same I/O pin.
●
More possibilities and features for I/O configuration
The F2 GPIO peripheral is a new design and thus the architecture, features and registers
are different from the GPIO peripheral in the F1 series, i.e. any code on F1series using the
GPIO needs to be rewritten to run on F2 series.
For more information about STM32 F2’s GPIO programming and usage, please refer to
section "I/O pin multiplexer and mapping" in the GPIO chapter of STM32F2xx Reference
Manual (RM0033).
The table below presents the differences between GPIOs in the STM32 F1 series and
STM32 F2 series.
68
NA
DMA2_Stream5
69
NA
DMA2_Stream6
70
NA
DMA2_Stream7
71
NA
USART6
72
NA
I2C3_EV
73
NA
I2C3_ER
74
NA
OTG_HS_EP1_OUT
75
NA
OTG_HS_EP1_IN
76
NA
OTG_HS_WKUP
77
NA
OTG_HS
78
NA
DCMI
79
NA
CRYP
80
NA
HASH_RNG
1.
Depending on the product line used
Table 8.
Interrupt vector differences between STM32 F1 series and STM32 F2 series
Position
STM32 F1 series
STM32 F2 series
Color key:
= Different Interrupt vector
= Interrupt Vector name changed but F1 peripheral still mapped on the same Interrupt Vector
position in F2 series
= Feature not available (NA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com