Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3427 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3427
Description  Migrating a microcontroller application from STM32F1 to STM32F2 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3427 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3427 Datasheet HTML 29Page - STMicroelectronics AN3427 Datasheet HTML 30Page - STMicroelectronics AN3427 Datasheet HTML 31Page - STMicroelectronics AN3427 Datasheet HTML 32Page - STMicroelectronics AN3427 Datasheet HTML 33Page - STMicroelectronics AN3427 Datasheet HTML 34Page - STMicroelectronics AN3427 Datasheet HTML 35Page - STMicroelectronics AN3427 Datasheet HTML 36Page - STMicroelectronics AN3427 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
AN3427
Peripheral migration
Doc ID 019001 Rev 1
33/52
3.9
ADC
The table below presents the differences between the ADC interface of STM32 F1 series
and STM32 F2 series, these differences are the following:
●
New digital interface
●
New architecture and new features
User Option bytes
STOP
STOP
STANDBY
STANDBY
WDG
WDG
NA
BOR level
1.
For more details refer to Application note AN2594 EEPROM emulation in STM32F10x microcontrollers
2.
For more details refer to Application note AN3390 EEPROM emulation in STM32F2xx microcontrollers
3.
Memory read protection Level 2 is an irreversible operation. When Level 2 is activated, the level of protection cannot be
decreased to Level 0 or Level 1.
Table 10.
FLASH differences between STM32 F1 series and STM32 F2 series
Flash
STM32 F1 series
STM32 F2 series
Color key:
= New feature or new architecture
= Same feature, but specification change or enhancement
= Feature not available (NA)
Table 11.
ADC differences between STM32 F1 series and STM32 F2 series
ADC
STM32 F1 series
STM32 F2 series
ADC Type
SAR structure
SAR structure
Instances
ADC1 / ADC2 / ADC3
ADC1 / ADC2 / ADC3
Max Sampling freq
1 MSPS
2 MSPS
Number of
channels
up to 21 channels
up to 24 Channels
Resolution
12-bit
12-bit,10-bit, 8-bit, 6-bit
Conversion Modes
Single / continuous / Scan / Discontinuous /
Dual Mode
Single / continuous /
Scan / Discontinuous
Dual Mode / Triple Mode
DMA
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com