Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3427 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN3427
Description  Migrating a microcontroller application from STM32F1 to STM32F2 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3427 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN3427 Datasheet HTML 36Page - STMicroelectronics AN3427 Datasheet HTML 37Page - STMicroelectronics AN3427 Datasheet HTML 38Page - STMicroelectronics AN3427 Datasheet HTML 39Page - STMicroelectronics AN3427 Datasheet HTML 40Page - STMicroelectronics AN3427 Datasheet HTML 41Page - STMicroelectronics AN3427 Datasheet HTML 42Page - STMicroelectronics AN3427 Datasheet HTML 43Page - STMicroelectronics AN3427 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
Firmware migration using the library
AN3427
40/52
Doc ID 019001 Rev 1
than or equal to 48 MHz to work correctly. The following is an example of the main
PLL configuration to obtain 120 MHz as system clock frequency and 48 MHz for
the OTG FS and SDIO.
/* PLL_VCO = (HSE_VALUE / PLL_M) * PLL_N = 240 MHz */
#define PLL_M
25
#define PLL_N
240
/* SYSCLK = PLL_VCO / PLL_P = 120 MHz */
#define PLL_P
2
/* USB OTG FS, SDIO and RNG Clock =
PLL_VCO / PLLQ = 48 MHz */
#define PLL_Q
5
...
/* Configure the main PLL */
RCC_PLLConfig(RCC_PLLSource_HSE, PLL_M, PLL_N, PLL_P, PLL_Q, 0);
/* Wait till PLL is ready */
while(RCC_GetFlagStatus(RCC_FLAG_PLLRDY) == 0)
{
}
...
/* Enable USB OTG FS's AHB interface clock */
RCC_AHB2PeriphClockCmd(RCC_AHB2Periph_OTG_FS, ENABLE);
/* Enable SDIO's APB interface clock */
RCC_APB2PeriphClockCmd(RCC_APB2Periph_SDIO, ENABLE);
c)
ADC: in STM32 F2 series the ADC features two clock schemes:
–
Clock for the analog circuitry: ADCCLK, common to all ADCs. This clock is
generated from the APB2 clock divided by a programmable prescaler that allows
the ADC to work at fPCLK2/2, /4, /6 or /8. The maximum value of ADCCLK is 30
MHz when the APB2 clock is at 60 MHz. This configuration is done using the ADC
registers.
–
Clock for the digital interface (used for register read/write access). This clock is
equal to the APB2 clock. The digital interface clock can be enabled/disabled
individually for each ADC through the RCC APB2 peripheral clock enable register
(RCC_APB2ENR). However, there is only a single bit to reset the three ADCs at
the same time.
/* Enable APB interface clock for ADC1, ADC2 and ADC3 */
RCC_APB2PeriphClockCmd(RCC_APB2Periph_ADC1 | RCC_APB2Periph_ADC2 |
RCC_APB2Periph_ADC3, ENABLE);
/* Reset ADC1, ADC2 and ADC3 */
RCC_APB2PeriphResetCmd(RCC_APB2Periph_ADC, ENABLE);
RCC_APB2PeriphResetCmd(RCC_APB2Periph_ADC, DISABLE);
4.3
FLASH
The table below presents the correspondence between the FLASH driver APIs in the
STM32F10x and STM32F2xx Libraries. You can easily update your application code by
replacing STM32F10x functions by the corresponding function in STM32F2xx Library.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com