Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3427 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN3427
Description  Migrating a microcontroller application from STM32F1 to STM32F2 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3427 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN3427 Datasheet HTML 31Page - STMicroelectronics AN3427 Datasheet HTML 32Page - STMicroelectronics AN3427 Datasheet HTML 33Page - STMicroelectronics AN3427 Datasheet HTML 34Page - STMicroelectronics AN3427 Datasheet HTML 35Page - STMicroelectronics AN3427 Datasheet HTML 36Page - STMicroelectronics AN3427 Datasheet HTML 37Page - STMicroelectronics AN3427 Datasheet HTML 38Page - STMicroelectronics AN3427 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
AN3427
Peripheral migration
Doc ID 019001 Rev 1
35/52
3.10
PWR
In STM32 F2 series the PWR controller presents some differences vs. F1 series, these
differences are summarized in the table below. However, the programming interface is
unchanged.
Table 12.
PWR differences between STM32 F1 series and STM32 F2 series
PWR
STM32 F1 series
STM32 F2 series
Power supplies
1. VDD = 2.0 to 3.6 V: external power
supply for I/Os and the internal
regulator. Provided externally through
VDD pins.
1. VDD = 1.8 to 3.6 V: external power supply for I/Os
and the internal regulator (when enabled), provided
externally through VDD pins. On WLCSP package, VDD
ranges from 1.65 to 3.6 V.
VDD/VDDA minimum value of 1.65 V is obtained when
the device operates in a reduced temperature range.
2. VSSA, VDDA = 2.0 to 3.6 V: external
analog power supplies for ADC, DAC,
Reset blocks, RCs and PLL (minimum
voltage to be applied to VDDA is 2.4 V
when the ADC or DAC is used). VDDA
and VSSA must be connected to VDD
and VSS, respectively.
2. VSSA, VDDA = 1.8 to 3.6 V: external analog power
supplies for ADC, DAC, Reset blocks, RCs and PLL.
VDDA and VSSA must be connected to VDD and VSS,
respectively.
3. VBAT = 1.8 to 3.6 V: power supply for
RTC, external clock 32 kHz oscillator
and backup registers (through power
switch) when VDD is not present.
3. VBAT = 1.65 to 3.6 V: power supply for RTC, external
clock 32 kHz oscillator and backup registers (through
power switch) when VDD is not present.
NA
Note: in UFBGA and WLCSP packages, the internal
regulator can be switched off
Battery backup
domain
– Backup registers
–RTC
–LSE
– PC13 to PC15 I/Os
Note: in F1 series the Backup registers
are integrated in the BKP peripheral.
– RTC with backup registers
–LSE
– PC13 to PC15 I/Os, plus PI8 I/O (when available)
Note: in F2 series the backup registers are integrated in
the RTC peripheral
NA
4 Kbytes backup SRAM when the low power backup
regulator is enabled (this SRAM can be used as
EEPROM as long as the VBAT supply is present)
Power supply
supervisor
Integrated POR / PDR circuitry
Programmable Voltage Detector (PVD)
Integrated POR / PDR circuitry
Programmable voltage detector (PVD)
NA
Brownout reset (BOR)
Low-power
modes
Sleep mode
Stop mode
Standby mode (1.8V domain powered-
off)
Sleep mode + peripherals automatic clock gating(*)
Stop mode
Standby mode (1.2 V domain powered off)
(*)To further reduce power consumption in Sleep mode
the peripheral clocks can be disabled prior to executing
the WFI or WFE instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com