Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3427 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN3427
Description  Migrating a microcontroller application from STM32F1 to STM32F2 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3427 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN3427 Datasheet HTML 33Page - STMicroelectronics AN3427 Datasheet HTML 34Page - STMicroelectronics AN3427 Datasheet HTML 35Page - STMicroelectronics AN3427 Datasheet HTML 36Page - STMicroelectronics AN3427 Datasheet HTML 37Page - STMicroelectronics AN3427 Datasheet HTML 38Page - STMicroelectronics AN3427 Datasheet HTML 39Page - STMicroelectronics AN3427 Datasheet HTML 40Page - STMicroelectronics AN3427 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
AN3427
Peripheral migration
Doc ID 019001 Rev 1
37/52
3.12
Miscellaneous
3.12.1
Ethernet PHY interface selection
In STM32 F1 series the Ethernet PHY interface selection is done in the AFIO peripheral
(MII_RMII_SEL bit in AFIO_MAPR register), while in F2 series this configuration is done in
the SYSCFG peripheral (MII_RMII_SEL bit in SYSCFG_PMC register).
3.12.2
TIM2 internal trigger 1 (ITR1) remapping
The example below shows how to select USB OTG FS SOF output or ETH PTP trigger
output as input for TIM2 ITR1 in STM32 F1 series:
1.
In F1 series to select USB OTG FS SOF output as input for TIM2 ITR1, set to 1 the bit
TIM2ITR1_IREMAP in AFIO_MAPR register. Reset this bit to 0 to connect the Ethernet
PTP trigger output to TIM2 ITR1 input.
2.
In F2 series to select USB OTG FS SOF output as input for TIM2 ITR1, set to [10] the
bits ITR1_RMP[1:0] in TIM2_OR register. Set these bits to [01] connect the Ethernet
PTP trigger output to TIM2 ITR1 input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com