Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0083 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM0083
Description  How to program STM8T143 OTP options
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0083 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM0083 Datasheet HTML 3Page - STMicroelectronics PM0083 Datasheet HTML 4Page - STMicroelectronics PM0083 Datasheet HTML 5Page - STMicroelectronics PM0083 Datasheet HTML 6Page - STMicroelectronics PM0083 Datasheet HTML 7Page - STMicroelectronics PM0083 Datasheet HTML 8Page - STMicroelectronics PM0083 Datasheet HTML 9Page - STMicroelectronics PM0083 Datasheet HTML 10Page - STMicroelectronics PM0083 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID018532 Rev 3
7/13
PM0083
Software interface
2.4
Programming mode entry
When the STM8T143 boots up after power-on, it checks for a programming mode entry
sequence on POUT. If the programming mode entry sequence is recognized on POUT, it
enters programming mode. If the programming mode entry sequence is not recognized,
then it will enter functional mode.
Table 5. Programming mode entry procedure
Step
Action
Description
1.
Set up I/Os
CX output (Data), POUT output (Clock).
2.
All outputs = LOW
Prevent device from being powered through any of the I/Os.
3.
Wait 200 ms
Wait for all capacitors to discharge after previous test (if any).
4.
Device power ON
VDD = 5 V
5.
Change CX to an input
Configure CX as input on the programming tool so that STM8T143
can take control of CX.
6.
Wait for at least 4 ms but
not more than 7 ms
Wait for device to start boot sequence and VREG to stabilize.
7.
POUT - clock 8 pulses.
See Figure 2.
The timing on POUT is important. This timing is taken from the
center frequency of the STM8T143. If the frequency is changed, or
not according to specification (for example due to tampering with
tuning options), then the timing needs to be scaled accordingly.
8.
POUT = HIGH
Pull POUT high to indicate to the device that the programming tool
is ready to send data.
9.
Wait 560 µs
Wait for the device to respond.
10. Wait for CX = HIGH
Check if the STM8T143 has pulled CX high. If CX is not high, then
it did not enter programming mode. If CX is high then there is a
good probability that it entered programming mode.
11. Write 0xF0
Write the 0xF0 command to request an acknowledge.
12. Read
Read the reply byte.
13. Check if reply = 0xA5
If the result is 0xA5 then confirmation has been received from the
device that it is actually in programming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com