Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0083 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PM0083
Description  How to program STM8T143 OTP options
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0083 Datasheet(HTML) 5 Page - STMicroelectronics

  PM0083 Datasheet HTML 1Page - STMicroelectronics PM0083 Datasheet HTML 2Page - STMicroelectronics PM0083 Datasheet HTML 3Page - STMicroelectronics PM0083 Datasheet HTML 4Page - STMicroelectronics PM0083 Datasheet HTML 5Page - STMicroelectronics PM0083 Datasheet HTML 6Page - STMicroelectronics PM0083 Datasheet HTML 7Page - STMicroelectronics PM0083 Datasheet HTML 8Page - STMicroelectronics PM0083 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID018532 Rev 3
5/13
PM0083
Software interface
2
Software interface
2.1
Command overview
The following programming mode serial commands are used in the procedures described in
this section.
2.2
Write a byte to the STM8T143
Prerequisite: POUT = HIGH and CX must be configured as input on the programming tool
before calling the write procedure.
Table 2. List of commands
Command
Description
0x30
Read an indirect addressed byte from RAM.
0x40
Write an indirect addressed byte to RAM (writes data to a RAM address of
the device during the next two serial command communication cycles.)
0x60
Program the specified option byte.
0xF0
Request acknowledge.
Table 3. Write procedure
Step
Action
Description
1.
Wait for CX = HIGH
Wait for device to pull CX high to indicate that it is ready to receive.
2.
POUT = LOW and wait
50 µs
Pull POUT low as part of handshaking protocol.
3.
POUT = HIGH
Pull POUT high before clocking out the data to the device.
4.
Configure CX as output
and wait 50 µs
Programming tool takes control of data on CX.
5.
Clock out data to device
(8 bits)
Clock out 8 data bits on CX at a clock frequency of 8.8 kHz on
POUT. (Clock on POUT ten times faster than it was during
programming mode entry.). Data on CX must be set up while clock
on POUT is low. Most significant bit transmitted first. End sequence
with POUT high.
6.
POUT = LOW
Pull POUT low after 8th bit.
7.
Configure CX as input
and wait 50 µs
Programming tool releases control of data on CX and waits 50 µs.
8.
POUT = HIGH
Pull POUT high to end the writing sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com