Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0083 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM0083
Description  How to program STM8T143 OTP options
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0083 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM0083 Datasheet HTML 5Page - STMicroelectronics PM0083 Datasheet HTML 6Page - STMicroelectronics PM0083 Datasheet HTML 7Page - STMicroelectronics PM0083 Datasheet HTML 8Page - STMicroelectronics PM0083 Datasheet HTML 9Page - STMicroelectronics PM0083 Datasheet HTML 10Page - STMicroelectronics PM0083 Datasheet HTML 11Page - STMicroelectronics PM0083 Datasheet HTML 12Page - STMicroelectronics PM0083 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID018532 Rev 3
11/13
PM0083
Software interface
2.7
Programming the option bytes
2.7.1
Programming mode entry
Follow the steps described in Section 2.4: Programming mode entry on page 7.
2.7.2
Option set-up and programming
Options are programmed one byte at a time.
Table 9. Option programming procedure
Step
Action
Description
1.
Write 0x40
0x40 is the command to be given before writing data.
2.
Write 0x0F
0x0F is the option loop address.
3.
Write 0x04
Write number of program steps (4).
4.
Write 0x30
0x30 is the command to be given before reading data.
5.
Write 0x0F
0x0F is the option loop address.
6.
Read
Read data
7.
Reply = 0x04?
If the result is 4 (number of program steps written in step 3) then
the device has accepted the data.
8.
Write 0x60
Issue option program command.
9.
Write option byte
Write data to the selected option byte.
10. VDD = 6.5 V
Raise supply voltage to 6.5 V
11. Write 0x2i (i = 0, 1 or 2)
Send the option byte number ( i ) ORed with instruction 0x20.
12. Wait 40 ms
Wait 40 ms for option programming.
13. Write 0xAi(i = 0, 1 or 2)
Send the option byte number ( i ) ORed with instruction 0xA0.
14. Wait 40 ms
Wait 40 ms for option programming.
15. Write 0xEi (i = 0, 1 or 2)
Send the option byte number ( i ) ORed with instruction 0xE0.
16. Wait 40 ms
Wait 40 ms for option programming.
17. Write 0x0i (i = 0, 1 or 2)
Send only the option byte number.
18. VDD = 5.0 V
Lower supply voltage to normal operating voltage again.
19.
Repeat steps 1 to 18 for
option bytes 1 and 2.
Each option byte's status (for 8 option bits) is written in the same
manner.
Note: Option bytes are programmed in the following order: byte0,
byte1 and byte2.
20. Device power OFF
VDD = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com