Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0083 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM0083
Description  How to program STM8T143 OTP options
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0083 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM0083 Datasheet HTML 5Page - STMicroelectronics PM0083 Datasheet HTML 6Page - STMicroelectronics PM0083 Datasheet HTML 7Page - STMicroelectronics PM0083 Datasheet HTML 8Page - STMicroelectronics PM0083 Datasheet HTML 9Page - STMicroelectronics PM0083 Datasheet HTML 10Page - STMicroelectronics PM0083 Datasheet HTML 11Page - STMicroelectronics PM0083 Datasheet HTML 12Page - STMicroelectronics PM0083 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Software interface
PM0083
10/13
DocID018532 Rev 3
2.6
Verify the status of the option bytes
2.6.1
Programming mode entry
Follow the steps described in Section 2.4: Programming mode entry on page 7.
2.6.2
‘Option write verify’
Option write verify is a more stringent test to check the option status. It is good practice to
perform both Option read and Option write verify and compare the results in order to prove
that the options have been programmed correctly.
Table 8. Option write verify procedure
Step
Action
Description
1.
Write 0x40
0x40 is the command to be given before writing data.
2.
Write 0x0A
0x0A is the address to write data to for option status enquiry.
3.
Write 0x8i (i = 0, 1 or2)
Send the option byte number ( i ) ORed with instruction 0x80.
4.
Write 0x40
0x40 is the command to be given before writing data.
5.
Write 0x0A
0x0A is the address to write data to for option status enquiry.
6.
Write 0x9i (i = 0, 1 or 2)
Send the option byte number ( i ) ORed with instruction 0x90.
7.
Write 0x40
0x40 is the command to be given before writing data.
8.
Write 0x0A
0x0A is the address to write data to for option status enquiry.
9.
Write 0x0i (i = 0, 1 or 2)
Send the option byte number.
10. Write 0x30
0x30 is the command to be given before reading data from a RAM
address of the STM8T143.
11. Write 0x0B
0x0B is the option data address.
12. Read from device
Read option data (one byte) for this option byte.
13.
Repeat steps 1 to 12 for
option bytes 1 and 2.
Each option byte's status (for 8 option bits) is read in the same
manner.
Note: Option bytes are read in the following order: byte0, byte1 and
byte2.
14. Device power OFF
VDD = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com