Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0083 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM0083
Description  How to program STM8T143 OTP options
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0083 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM0083 Datasheet HTML 5Page - STMicroelectronics PM0083 Datasheet HTML 6Page - STMicroelectronics PM0083 Datasheet HTML 7Page - STMicroelectronics PM0083 Datasheet HTML 8Page - STMicroelectronics PM0083 Datasheet HTML 9Page - STMicroelectronics PM0083 Datasheet HTML 10Page - STMicroelectronics PM0083 Datasheet HTML 11Page - STMicroelectronics PM0083 Datasheet HTML 12Page - STMicroelectronics PM0083 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DocID018532 Rev 3
9/13
PM0083
Software interface
2.5
Read the status of the option bytes
2.5.1
Programming mode entry
Follow the steps described in Section 2.4: Programming mode entry on page 7.
2.5.2
Option read
Option read checks the option status by writing a data byte to a specific RAM address of the
STM8T143, and then reading the option status returned by the STM8T143. Data is written
to the STM8T143 by giving it a command first, then sending it the address and finally
sending it the data.
Table 7. Option read procedure
Step
Action
Description
1.
Write 0x40 to STM8T143 0x40 is the command to be given before writing data.
2.
Write 0x0A to
STM8T143
0x0A is the address to write data to for option status enquiry.
3.
Write 0x1i to STM8T143
(i = 0, 1 or 2)
Send the option byte number (i) ORed with instruction 0x10.
4.
Write 0x40 to STM8T143 0x40 is the command to be given before writing data.
5.
Write 0x0A to
STM8T143
0x0A is the address to write data to for option status enquiry.
6.
Write 0x0i (i = 0, 1 or 2)
Send the option byte number to the STM8T143.
7.
Write 0x30 to STM8T143
0x30 is the command to be given before reading data from a RAM
address of the STM8T143.
8.
Write 0x0B to
STM8T143
0x0B is the option data address.
9.
Read from STM8T143
Shift "dummy" data (0x00) out to STM8T143, simultaneously
shifting data in from STM8T143.
10.
Repeat steps 1 to 9 for
option bytes 1 and 2.
Each option byte's status (for 8 option bits) is read in the same
manner.
Note: Option bytes are read in the following order: byte0, byte1
and byte2.
11. STM8T143 power OFF
VDD = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com