Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0083 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PM0083
Description  How to program STM8T143 OTP options
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0083 Datasheet(HTML) 4 Page - STMicroelectronics

  PM0083 Datasheet HTML 1Page - STMicroelectronics PM0083 Datasheet HTML 2Page - STMicroelectronics PM0083 Datasheet HTML 3Page - STMicroelectronics PM0083 Datasheet HTML 4Page - STMicroelectronics PM0083 Datasheet HTML 5Page - STMicroelectronics PM0083 Datasheet HTML 6Page - STMicroelectronics PM0083 Datasheet HTML 7Page - STMicroelectronics PM0083 Datasheet HTML 8Page - STMicroelectronics PM0083 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Hardware interface
PM0083
4/13
DocID018532 Rev 3
1.3
Voltage levels for option programming and reading
The following table gives the voltage specifications. It is recommended to use the typical
values when designing a programming tool.
Caution:
All I/Os must have the same voltage level as VDD.
During option programming, the supply voltage of the STM8T143 is raised to 6.5 V. It is
recommended to make sure that the I/Os of the programmer can operate at 6.5 V.
1.4
In-circuit programming
When programming the device directly on the application board, the communication lines
must be directly connected to the device (not through CX resistor for example).
Furthermore, in case of In Circuit Programming, the programming tools user manual must
contain the maximum load current permitted to drive the application without disturbing the
programming signals.
Table 1. Voltages for reading or programming
VDD pin
Min
Typ
Max
Units
Programming mode entry
2.8
5.0
5.5
V
Option byte programming
6.4
6.5
6.6
Option byte reading
2.8
5.0
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com