Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70732 Datasheet(PDF) 39 Page - NEC

Part # UPD70732
Description  V810TM 32-BIT MICROPROCESSOR
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70732 Datasheet(HTML) 39 Page - NEC

Back Button UPD70732 Datasheet HTML 35Page - NEC UPD70732 Datasheet HTML 36Page - NEC UPD70732 Datasheet HTML 37Page - NEC UPD70732 Datasheet HTML 38Page - NEC UPD70732 Datasheet HTML 39Page - NEC UPD70732 Datasheet HTML 40Page - NEC UPD70732 Datasheet HTML 41Page - NEC UPD70732 Datasheet HTML 42Page - NEC UPD70732 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
39
µPD70732
Capacitance (TA = 25˚C, VDD = +5 V
± 10%)
Parameter
Symbol
Test Conditions
MIN.
MAX.
Unit
Input capacitance
CI
fC = 1 MHz
15
pF
I/O capacitance
CIO
15
pF
AC Characteristics (TA = –10 to +70˚C, VDD = +5V
± 10%)
Clock Input
Parameter
Symbol
Test
µPD70732-16
µPD70732-20
µPD70732-25
Unit
Conditions
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Clock cycle
tCYK
62.5
50
40
ns
Clock pulse high-level width
tKKH
26
21
17
ns
Clock pulse low-level width
tKKL
26
21
17
ns
Clock rise time
tKR
54
3
ns
Clock fall time
tKF
54
3
ns
Reset
Parameter
Symbol
Test
µPD70732-16
µPD70732-20
µPD70732-25
Unit
Conditions
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
RESET hold time (from VDD VALID)
tHVR
1000 +
1000 +
1000 +
ns
20 tCYKR
20 tCYKR
20 tCYKR
Clock cycle (at reset)
tCYKR
62.5
1000
50
1000
40
1000
ns
Clock high-level time (at reset)
tKKHR
26
21
17
ns
Clock low-level time (at reset)
tKKLR
26
21
17
ns
RESET setup time (to CLK
↓, active)
tSRKF
10
10
10
ns
RESET setup time (to CLK
↓, inactive)
tSRKR
10
10
10
ns
RESET hold time (from CLK
↓)tHKR
10
10
10
ns
RESET pulse low-level width (to CLK
↓) tWRL
20 tCYKR
20 tCYKR
20 tCYKR
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com