Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70732 Datasheet(PDF) 49 Page - NEC

Part # UPD70732
Description  V810TM 32-BIT MICROPROCESSOR
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70732 Datasheet(HTML) 49 Page - NEC

Back Button UPD70732 Datasheet HTML 45Page - NEC UPD70732 Datasheet HTML 46Page - NEC UPD70732 Datasheet HTML 47Page - NEC UPD70732 Datasheet HTML 48Page - NEC UPD70732 Datasheet HTML 49Page - NEC UPD70732 Datasheet HTML 50Page - NEC UPD70732 Datasheet HTML 51Page - NEC UPD70732 Datasheet HTML 52Page - NEC UPD70732 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
49
µPD70732
Memory, I/O Access
Parameter
Symbol
Test Conditions
µPD70732-25
Unit
MIN.
MAX.
Address etc. output delay time (from CLK
↑)tDKA
125
ns
Address etc. output hold time (from CLK
↑)tHKA
125
ns
BCYST output delay time (from CLK
↑)tDKBC
125
ns
BCYST output hold time (from CLK
↑)tHKBC
125
ns
DA output delay time (from CLK
↑)tDKDA
125
ns
DA output hold time (from CLK
↑)tHKDA
125
ns
READY setup time (to CLK
↓)tSRYK
8ns
READY hold time (from CLK
↓)tHKRY
5ns
Data setup time (to CLK
↑)tSDK
8ns
Data hold time (from CLK
↑)tHKD
5ns
Data output delay time (from active, from CLK
↓) tDKDT
135
ns
Data output hold time (to active, from CLK
↓)tHKDT
135
ns
Data output delay time (from float, from CLK
↓)
tLZKDT
340
ns
Data output hold time (to float, from CLK
↓)tHZKDT
340
ns
Dynamic Bus Sizing
Parameter
Symbol
Test Conditions
µPD70732-25
Unit
MIN.
MAX.
SZRQ setup time (to CLK
↓)tSSZK
8ns
SZRQ hold time (from CLK
↓)tHKSZ
5ns
Interrupt
Parameter
Symbol
Test Conditions
µPD70732-25
Unit
MIN.
MAX.
NMI setup time (to CLK
↓)tSNK
8ns
NMI hold time (from CLK
↓)tHKN
5ns
INT etc. setup time (to CLK
↑)tSIK
8ns
INT etc. hold time (from CLK
↑)tHKI
5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com