Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70732 Datasheet(PDF) 1 Page - NEC

Part # UPD70732
Description  V810TM 32-BIT MICROPROCESSOR
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70732 Datasheet(HTML) 1 Page - NEC

  UPD70732 Datasheet HTML 1Page - NEC UPD70732 Datasheet HTML 2Page - NEC UPD70732 Datasheet HTML 3Page - NEC UPD70732 Datasheet HTML 4Page - NEC UPD70732 Datasheet HTML 5Page - NEC UPD70732 Datasheet HTML 6Page - NEC UPD70732 Datasheet HTML 7Page - NEC UPD70732 Datasheet HTML 8Page - NEC UPD70732 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Document No. U10691EJ3V0DS00 (3rd edition)
Date Published September 1996 P
Printed in Japan
The information in this document is subject to change without notice.
The mark 5 shows major revised points.
µPD70732
MOS Integrated Circuit
V810TM
32-BIT MICROPROCESSOR
The
µPD70732 (a.k.a. V810) microprocessor is NEC’s first microprocessor of the V810 familyTM for embedded
control applications.
The V810 employs a RISC architecture for embedded control applications. This product has high-speed real
time response, high-speed integer operation instruction, bit string instruction, floating-point operation instruction,
and significantly high cost performance is realized for applications such as facsimile, digital PPC, word processor,
image processor, real time control device, etc.
The functions are described in detail in the following User’s Manuals, which should be read before
starting design work.
• V805TM, V810 User’s Manual Hardware
: U10661E
• V810 Family User’s Manual Architecture : U10082E
Features
High-performance 32-bit architecture for embedded control application
•
32-bit separate address/data bus
•
1-Kbyte cache memory
•
Pipeline structure of 1 clock pitch
•
16-bit fixed instructions (with some exceptions)
•
32-bit general-purpose registers: 32
•
4-Gbyte linear address space
•
Register/flag hazard interlocked by hardware
Dynamic bus sizing function (16 bits)
16-bit bus fixing function
16-bit bus system can be configured.
Instructions ideal for various application fields
•
Floating-point operation instructions (based upon IEEE754 data format)
•
Bit string instructions
16 levels of high-speed interrupt responses
Clock can be stopped by internal static operation
Maximum operating frequency: 16/20/25 MHz
Low voltage: VDD = 2.7 to 3.6 V (Max. 16 MHz)
VDD = 2.2 to 3.6 V (Max. 10 MHz)
Small package versions available (14 x 14 mm fine-pitch TQFP)
5
©
1993
DATA SHEET


Similar Part No. - UPD70732

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD70732 RENESAS-UPD70732 Datasheet
502Kb / 68P
MOS Integrated Circuit
1993
UPD70732GC-25-9EV RENESAS-UPD70732GC-25-9EV Datasheet
502Kb / 68P
MOS Integrated Circuit
1993
UPD70732GD-16-LBB RENESAS-UPD70732GD-16-LBB Datasheet
502Kb / 68P
MOS Integrated Circuit
1993
UPD70732GD-20-LBB RENESAS-UPD70732GD-20-LBB Datasheet
502Kb / 68P
MOS Integrated Circuit
1993
UPD70732GD-25-LBB RENESAS-UPD70732GD-25-LBB Datasheet
502Kb / 68P
MOS Integrated Circuit
1993
More results

Similar Description - UPD70732

ManufacturerPart #DatasheetDescription
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
32-BIT MICROPROCESSOR
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
32-BIT RISC MICROPROCESSOR
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
32-Bit Microprocessor Core
logo
NXP Semiconductors
SCC68070 PHILIPS-SCC68070 Datasheet
2Mb / 74P
16/32-bit microprocessor
November 1990
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
32-Bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
64-/32-Bit Microprocessor
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
32-bit Microprocessor
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
32-bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com