Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70732 Datasheet(PDF) 13 Page - NEC

Part # UPD70732
Description  V810TM 32-BIT MICROPROCESSOR
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70732 Datasheet(HTML) 13 Page - NEC

Back Button UPD70732 Datasheet HTML 9Page - NEC UPD70732 Datasheet HTML 10Page - NEC UPD70732 Datasheet HTML 11Page - NEC UPD70732 Datasheet HTML 12Page - NEC UPD70732 Datasheet HTML 13Page - NEC UPD70732 Datasheet HTML 14Page - NEC UPD70732 Datasheet HTML 15Page - NEC UPD70732 Datasheet HTML 16Page - NEC UPD70732 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
13
µPD70732
2.1 Program Register Set
The program register set is composed of general-purpose registers and a program counter.
(1)
General-purpose registers
Thirty-two general-purpose registers, r0 to r31, are available. All these registers can be used as data
registers or address registers.
Of these registers, r0 and r26 through r30 are implicitly used by some instructions, and r1 through r5 and
r31 are implicitly used by the assembler and C compiler. Therefore, when using these registers, it is
necessary to take special care such as saving these registers’ contents to different areas before using
these registers and restoring the contents after using them.
Table 2-1. Program Registers
Register
Application
Operation
r0
Zero register
Always holds zeros.
r1
Register reserved for assembler
Used as a working register to generate a 32-bit immediate data.
r2
Handler stack pointer
Used as the stack pointer for the handler.
r3
Stack pointer
Used to generate a stack frame at a function call.
r4
Global pointer
Used to access a global variable in the data area.
r5
Text pointer
Points the start address of the text area.
r6 to r25
—
Stores address or data variables.
r26
String destination bit offset
Used in a bit-string instruction execution.
r27
String source bit offset
r28
String length register
r29
String destination address register
r30
String address register
r31
Link pointer
Stores the return address at execution of a JAL instruction.
(2)
Program Counter
The program counter (PC) indicates the address of the instruction currently executed by the program.
Bit 0 of the PC is fixed to 0, and execution cannot branch to an odd address. The contents of the PC
are initialized to FFFFFFF0H at reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com