Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70732 Datasheet(PDF) 21 Page - NEC

Part # UPD70732
Description  V810TM 32-BIT MICROPROCESSOR
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70732 Datasheet(HTML) 21 Page - NEC

Back Button UPD70732 Datasheet HTML 17Page - NEC UPD70732 Datasheet HTML 18Page - NEC UPD70732 Datasheet HTML 19Page - NEC UPD70732 Datasheet HTML 20Page - NEC UPD70732 Datasheet HTML 21Page - NEC UPD70732 Datasheet HTML 22Page - NEC UPD70732 Datasheet HTML 23Page - NEC UPD70732 Datasheet HTML 24Page - NEC UPD70732 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
21
µPD70732
5.
BUS INTERFACE FUNCTION
The V810 is equipped with a 32-bit data bus.
In the bus interface, there are two modes: 32-bit bus mode which uses the data bus in 32 bits and 16-bit bus
fixed mode which fixes the bus in 16 bits. Modes can be switched only at reset using the SIZ16B signal.
The 32-bit bus mode has a dynamic bus sizing function which uses the data bus in 16-bit bus width to access
the 16-bit peripherals. This function can be used by setting the SZRQ signal active. Access to word data
(32-bit data) in the dynamic bus sizing is executed by loading/storing a 16-bit data twice.
In the 16-bit bus fixed mode, access to word data (32-bit data) is executed by activating a bus cycle twice.
The control signal and the A1 signal output values according to the 16-bit system.
The relationship between the external access and byte enable signals (BE3 to BE0) during the 32-bit bus mode
and the 16-bit bus fixed mode is shown below.
Table 5-1. Relationship among Address, Data Length, Byte Enable Signals and A1
(32-bit bus mode)
Operand address
Byte enable
Bit 1
Bit 0
BE3
BE2
BE1
BE0
Byte
0
0
1
1
1
0
0
1
011
101
0
1
101
011
0
1
110
111
0
1
Halfword
0
0
1
1
0
0
0
1
100
011
0
1
Word
0
0
0
0
0
0
0
1
0
011
1
2Note
Note
Bus cycle added by dynamic bus sizing
Table 5-2. Relationship among Address, Data Length, Byte Enable Signals and A1
(16-bit bus fixed mode)
Operand address
Byte enable
Bit 1
Bit 0
BE3
BE2
BE1
BE0
Byte
0
0
Hi-Z
Hi-Z
1
0
0
1
0
1
Hi-Z
Hi-Z
0
1
0
1
1
0
Hi-Z
Hi-Z
1
0
1
1
1
1
Hi-Z
Hi-Z
0
1
1
1
Halfword
0
0
Hi-Z
Hi-Z
0
0
0
1
1
0
Hi-Z
Hi-Z
0
0
1
1
Word
0
0
Hi-Z
Hi-Z
0
0
0
1
Hi-Z
Hi-Z
0
0
1
2Note
Note
Added bus cycle
Data length
A1
Bus cycle
sequence
Data length
A1
Bus cycle
sequence
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com