Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70732 Datasheet(PDF) 2 Page - NEC

Part # UPD70732
Description  V810TM 32-BIT MICROPROCESSOR
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70732 Datasheet(HTML) 2 Page - NEC

  UPD70732 Datasheet HTML 1Page - NEC UPD70732 Datasheet HTML 2Page - NEC UPD70732 Datasheet HTML 3Page - NEC UPD70732 Datasheet HTML 4Page - NEC UPD70732 Datasheet HTML 5Page - NEC UPD70732 Datasheet HTML 6Page - NEC UPD70732 Datasheet HTML 7Page - NEC UPD70732 Datasheet HTML 8Page - NEC UPD70732 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
2
µPD70732
Ordering Information
Part Number
Package
Max. operating freq. (MHz)
µPD70732GD-16-LBB
120-pin plastic QFP (28 x 28 mm)
16
µPD70732GD-20-LBB
120-pin plastic QFP (28 x 28 mm)
20
µPD70732GD-25-LBB
120-pin plastic QFP (28 x 28 mm)
25
µPD70732GC-25-9EV
120-pin plastic TQFP (Fine pitch) (14 x 14 mm)
25
µPD70732R-25
176-pin ceramic PGA (Seam weld)
25
Pin Outline
5
V810
A31 to A1
D31 to D0
BE3 to BE0
ST1, ST0
DA
MRQ
R/W
BCYST
BLOCK
CLK
RESET
INT
INTV3 to INTV0
NMI
HLDRQ
HLDAK
READY
SZRQ
SIZ16B
ICHEEN
ADRSERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com