Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0844 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 7Page - STMicroelectronics UM0844 Datasheet HTML 8Page - STMicroelectronics UM0844 Datasheet HTML 9Page - STMicroelectronics UM0844 Datasheet HTML 10Page - STMicroelectronics UM0844 Datasheet HTML 11Page - STMicroelectronics UM0844 Datasheet HTML 12Page - STMicroelectronics UM0844 Datasheet HTML 13Page - STMicroelectronics UM0844 Datasheet HTML 14Page - STMicroelectronics UM0844 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
UM0844
The pre-flashed software
Doc ID 16544 Rev 3
11/43
requires the installation and usage of the SPEAr Linux Support Package (LSP2.3), as
described in Section 3.
This subsection only provides an overview of the Flash contents and structuring. Details on
this subject (like offsets and sizes for each partition, as well as differences between serial
NOR, parallel NOR and NAND) is provided in the corresponding SPEAr device datasheet
and user manual.
Whatever the Flash memory type, software installed in the SPEAr evaluation boards is
logically structured into 5 partitions, as depicted in Figure 4.
Figure 4.
Flash memory organization
To understand the rationale behind this Flash memory organization, it is necessary to know
how the overall booting process works.
After power-on, a SPEAr embedded MPU starts to execute an on-chip firmware known as
BootROM (kept in internal SPEAr ROM area, not in Flash memory). This is the first stage.
When a board is configured in Flash booting mode, BootROM terminates by loading a 2nd
stage component (XLoader) from Flash memory to on-chip SRAM and then gives control to
it.
XLoader is a small ST-specific firmware (also available in source code) that executes in
internal SRAM and configures the PLLs and the specific DDR memory available on each
board. Once performed its task, XLoader loads a third stage boot loader (U-Boot) from
Flash and jumps to its entry point.
The widely used open source U-Boot program is used as a third-stage boot loader in the
SPEAr evaluation boards. The U-Boot version provided is extended with support for the
required SPEAr-specific hardware. In addition to its role in the overall booting process, U-
Boot also operates as a resident monitor. To start the monitor function after power-on, stop
U-Boot execution before Linux is started. U-Boot is mainly in charge of loading and
executing the Linux kernel. This stage is configured in a special Flash partition known as U-
Boot Environment, basically a collection of parameter/value pairs.
Root
Filesystem
Kernel
U-Boot
Environment
U-Boot
XLoader
2nd-stage boot loader
3rd-stage boot loader and resident monitor
Linux kernel with SPEAr BSP
Initialization scripts
Configuration files
Selection of user-space programs and runtime libraries
U-Boot settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com