Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0844 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 9Page - STMicroelectronics UM0844 Datasheet HTML 10Page - STMicroelectronics UM0844 Datasheet HTML 11Page - STMicroelectronics UM0844 Datasheet HTML 12Page - STMicroelectronics UM0844 Datasheet HTML 13Page - STMicroelectronics UM0844 Datasheet HTML 14Page - STMicroelectronics UM0844 Datasheet HTML 15Page - STMicroelectronics UM0844 Datasheet HTML 16Page - STMicroelectronics UM0844 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
UM0844
The pre-flashed software
Doc ID 16544 Rev 3
13/43
In practice, the proc file system is intended to be populated at runtime with system
information and statistics. Proc files may be either read-only or read-write. Each numerically
named directory within /proc corresponds to the process ID (PID) of a process currently
executing on the system. This part of the proc filesystem totally depends on the runtime
state of the target. Each numeric entry contains subfiles that provide process-specific
information. The other (non-numeric) entries describe some aspects of kernel operation.
Some of the common user commands performed on the proc filesystem are:
# cat /proc/version
Displays full Linux kernel version information
# cat /proc/sys/kernel/osreleaseDisplays Linux kernel release
# cat /proc/sys/kernel/version
Displays Linux kernel build date and time
# cat /proc/cpuinfo
Displays information about the SPEAr CPU
# cat /proc/meminfo
Displays information about memory usage
# cat /proc/modules
Displays information about kernel extension modules
# cat /proc/mtd
Displays information about Flash partitions
# cat /proc/partitions
Displays other information about Flash partitions
# cat /proc/stat
Displays OS status information
# cat /proc/bus/usb/devices
Displays information about USB Host ports
# cat /proc/net/dev
Reports Ethernet information.
# cat /proc/net/tcp
Reports TCP sockets information.
# cat /proc/net/udp
Reports UDP sockets information.
# cat /proc/net/arp
Reports ARP table.
# cat /proc/net/route
Reports IP routing table.
# cat /proc/kallsyms
Lists all kernel symbols
The standard /proc/bus/usb subtree is also made available. This is used to access USB
Host controllers and plugged devices from user-space applications.
For more details about the functionality provided by pseudo filesystems, please refer to
standard Linux documentation.
2.4
Using a USB pendrive
USB pendrives can be accessed in a standard Linux way, connecting them to a USB host
port and mounting their filesystem under root filesystem. An example of operational
sequence for a standard pendrive connected as "sda" device (only one pendrive present) is
the following:
1.
Plug the pendrive in a USB port. and wait for the Linux kernel to autodetect it (you can
see active kernel messages on the terminal)
2.
Mount the pendrive filesystem:
# mount /dev/sda1 /mnt
Now the pendrive filesystem can be accessed under /mnt directory.
3.
Transfer files as usual (for example, cp command).
4.
When finished, unmount the pendrive:
# umount /mnt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com