Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0844 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 8Page - STMicroelectronics UM0844 Datasheet HTML 9Page - STMicroelectronics UM0844 Datasheet HTML 10Page - STMicroelectronics UM0844 Datasheet HTML 11Page - STMicroelectronics UM0844 Datasheet HTML 12Page - STMicroelectronics UM0844 Datasheet HTML 13Page - STMicroelectronics UM0844 Datasheet HTML 14Page - STMicroelectronics UM0844 Datasheet HTML 15Page - STMicroelectronics UM0844 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
The pre-flashed software
UM0844
12/43
Doc ID 16544 Rev 3
When not interrupted after board power-on, U-Boot loads the Linux kernel to DDR memory
and then starts its execution. The kernel, after further preliminary initialization, mounts the
so-called root filesystem. This is the binary image containing all software and data that
comprise the operating system complementing the kernel. The root filesystem is the
hierarchical file structure that end users see from the familiar Linux shell prompt. For pre-
flashed software, it contains a generic subset of initialization scripts, system commands and
runtime libraries.
There is a wide choice of file system standards for Flash memories in the Linux world (for
example, CRAMFS, JFFS2, YAFFS2, LogFS, UBIFS).
The pre-flashed software is based on the most commonly used standard, namely JFFS2.
The main advantage of JFFS2 is the built-in support for compression. It is also the most
consolidated filesystem, while generally not providing the best performance in terms of
booting time.
By using the SPEAr Linux Support Package (LSP2.3), evaluation boards with NAND Flash
can be also configured to use YAFFS2. YAFFS2 aims at providing better support for NAND
Flash devices and faster boot time. However, YAFFS2 is not yet part of official open source
Linux kernels and requires a dedicated patch, however this patch is already applied to
SPEAr-ported Linux kernels.
2.3
Booting up to the Linux prompt
To boot Linux just power up the board. You then see the bootloader messages and prompt.
If you press a key in this phase, you stop the bootloader execution and display the U-Boot
command prompt (see next section). Instead, wait for a few seconds while the Linux kernel
is loaded and launched. Progress is displayed by a sequence of kernel boot messages. The
root filesystem is mounted automatically, the system shell is run and a prompt appears
when it is ready to accept commands.
The pre-flashed software provides a default set of system commands and runtime libraries.
System commands are the familiar basic utilities mainly provided to support the
development and debugging stages. They are all stored under standard Linux paths. They
may be not strictly needed in a final product, however their small size allows them to be kept
in production devices without a significant penalty in terms of memory footprint.
As is typical for embedded Linux environments, STLinux uses BusyBox, an open source
program combining tiny versions of many common user-space Linux utilities into a single
small executable, an important factor when minimized Flash footprint is required.
BusyBox has been developed with size-optimization and limited resources in mind, for this
reason the available commands typically have fewer options than their full-featured GNU
counterparts. However, the most important options are still available with all the functions
needed for developing and testing embedded products.
As well as the features of BusyBox, a number of additional executable programs are also
included.
In addition to playing with commands, it can be also helpful to explore the Linux standard
/proc pseudo-filesystem. This subtree contains user-accessible entries that pertain to the
runtime state of the kernel and, by extension, the executing processes that run on top of it.
The "pseudo" term is used because the proc filesystem exists only as a reflection of the in-
memory kernel data structures it displays. This is why most files and directories within /proc
are zero bytes in size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com