Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0844 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 16Page - STMicroelectronics UM0844 Datasheet HTML 17Page - STMicroelectronics UM0844 Datasheet HTML 18Page - STMicroelectronics UM0844 Datasheet HTML 19Page - STMicroelectronics UM0844 Datasheet HTML 20Page - STMicroelectronics UM0844 Datasheet HTML 21Page - STMicroelectronics UM0844 Datasheet HTML 22Page - STMicroelectronics UM0844 Datasheet HTML 23Page - STMicroelectronics UM0844 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
The pre-flashed software
UM0844
20/43
Doc ID 16544 Rev 3
1.
Create a new folder under any path on the PC and extract into it the contents of the
flashing_util.tar.gz file as obtained from ST Web site.
Let's assume for example that the selected folder path is c:\flashing_util
2.
Before power-on, you must configure the evaluation board for USB bootstrap mode.
This is done through DIP switches. Details on switch setting for each evaluation board
can be found on board-specific user manuals.
3.
Connect the evaluation board to the Windows PC using a USB cable. The USB host
port on the PC has to be connected with the USB device connector of the evaluation
board.
4.
Switch on the evaluation board.
After few seconds, the PC asks for a device driver.
5.
Specify the path of the proper .inf file as found under: c:\flashing_util\Setup folder.
–
For EVALSPEAR300, EVALSPEAR310 and EVALSPEAR320PLC evaluation
boards, the file is Spear300.inf.
–
For EVALSPEAR600 evaluation board, the file is Spear600.inf.
6.
Double click on c:\flashing_util\SPEAr-Utils.tcl file. This the TCL-based application
implementing the USB flasher GUI.
The initial USB flasher screen is shown in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com